| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RFEVAL2-433R2 bảng dữ liệu(PDF) 11 Page - rfsolutions.ltd |
|
|
|||||||||||||||||||||||||||||
RFEVAL2-433R2 bảng dữ liệu(HTML) 11 Page - rfsolutions.ltd |
|
11 / 24 page ![]() RF / IR Encoder / Decoder Chipset RF600E RF Evaluation Boards, RF600D Technical Specifications: Absolute Maximum Ratings Item Rating Units Supply voltage -0.3 to 6.9 V Input voltage -0.3 to VDD + 0.3 V Output voltage -0.3 to VDD+ 0.3 V Max output current 25 mA Storage temperature -55 to +125 °C (Note) Lead soldering temp 300 °C (Note) ESD rating 4000 V Note: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. RF600E Transmitter Encoder Electrical Characteristics Min Typical Max Unit Operating current(avg) Vdd = 2 - 3V Vdd = 3 - 6.6V 0.3 0.7 1.2 1.6 mA Standby current 0.1 1.0 µA High level Input voltage 0.55VDD VDD+0.3 V Low level input voltage 0.3 0.15VDD V High level output voltage 0.7VDD V Low level output voltage 0.08VDD V LED sink current 0.15 1.0 4.0 mA RF600D Receiver Decoder Electrical Characteristics Min Typical Max Unit Operating current(avg) Vdd = 3V Vdd = 5V 1.8 3.3 mA Standby current 1.8 3.3 µA High level Input voltage .45 Vdd Vdd V Low level input voltage Vss .2Vss V High level output voltage Vdd-0.7 V Low level output voltage 0.6 V Output Pin Current rating 1.0 mA LED sink current 2 mA Momentary Output min Time of operation 350 mS RF600E / 600D System Characteristics Electrical Characteristics Min Typical Max Unit Time from RF600E input operation to RF600D Output asserted 135 210 mS Time from RF600E input released to RF600D Output released 140 210 300 mS DS600-9 Sept ‘04 ©2004 Reg. No. 227 4001, ENGLAND Page 11 |