| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XAP330 bảng dữ liệu(PDF) 12 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
XAP330 bảng dữ liệu(HTML) 12 Page - Renesas Technology Corp |
|
12 / 17 page ![]() 12 ©2023 Renesas Electronics Corporation August 20, 2023 XA Datasheet Package Outline Drawings The package outline drawings (JS6, JX6) are appended at the end of this document. The package information is the most current data available. Marking Diagrams JX6 3.2 × 2.5 mm Package Option (example based on XLH320010.000000I) JS6 5.0 × 3.2 mm Package Option (example based on XLH536210.380000I) Revision History Revision Date Description of Change August 20, 2023 Added “X” option to Output Type in Ordering Information January 11, 2022 ▪ Removed Aging parameters in Table 9 and Table 10. ▪ Added footnote 2 after Table 10. December 1, 2021 Updated Frequency Stability values in Table 9 and Table 10. November 23, 2021 Added Frequency Stability and Operating Temperature Decoder table after Ordering Information. August 18, 2021 Moved Ordering Information table to just after Pin Descriptions. January 15, 2021 ▪ Removed 4-pin package description table, figure, and package drawing references. ▪ Added footnote for pin 5 in Table 1. ▪ Updated “H:” description under “Output Type” in Ordering Information. January 13, 2021 Added Marking Diagrams section and updated Package Outline Drawings links. May 24, 2018 Updated LVCMOS Output Clock Duty Cycle, FOUT test condition. April 27, 2018 Initial release. ▪ Line 1: • “010” denotes last three digits to the left of the decimal point as shown in the above example. This number will vary depending upon the frequency value selected in the orderable part number. • “YW” denotes the last digit of the year and work week the part was assembled. ▪ Line 1: • “XL” = family; “H” = output type; “5” = package size; “3” = voltage; “6” = precision level. This number will vary depending upon the output type, voltage, and precision values selected in the orderable part number. ▪ Line 2: • “210” denotes last three digits to the left of the decimal point as shown in the above example. This number will vary depending upon the frequency value selected in the orderable part number. • “YW” denotes the last digit of the year and work week the part was assembled. |