công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

T30LL bảng dữ liệu(PDF) 2 Page - HellermannTyton.

tên linh kiện T30LL
Giải thích chi tiết về linh kiện  Features and benefits
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HELLERMANNTYTON [HellermannTyton.]
Trang chủ  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

T30LL bảng dữ liệu(HTML) 2 Page - HellermannTyton.

  T30LL Datasheet HTML 1Page - HellermannTyton. T30LL Datasheet HTML 2Page - HellermannTyton. T30LL Datasheet HTML 3Page - HellermannTyton. T30LL Datasheet HTML 4Page - HellermannTyton.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
39
1.1
Add items to your watchlist!
www.HT.click/9-39?q=2
Cable Ties and Fixings
Cable ties, inside serrated
Cable ties polyamide 6.6 standard
T-Series in PA66 natural and black
Material specification
please see page 26.
TYPE
Width
(W)
Length
(L)
Bundle Ø
max.
Material
Colour
Pack
Cont.
Tools
Article-No.
T80R
4.7
210.0
55.0
355
PA66
Natural (NA)
100 pcs.
2-3;5-6;8;10-12;25
111-05019
4.7
210.0
55.0
355
PA66
Black (BK)
100 pcs.
2-3;5-6;8;10-12;25
111-08010
T80I
4.7
305.0
85.0
355
PA66
Natural (NA)
100 pcs.
2-3;5-6;8;10-12;25
111-08229
4.7
305.0
85.0
355
PA66
Black (BK)
100 pcs.
2-3;5-6;8;10-12;25
111-08210
T80L
4.7
390.0
110.0
355
PA66
Black (BK)
100 pcs.
2-3;5-6;8;10-12;25
111-05410
4.7
390.0
110.0
355
PA66
Natural (NA)
100 pcs.
2-3;5-6;8;10-12;25
111-05419
T120S
7.6
225.0
55.0
535
PA66
Natural (NA)
50 pcs.
3;6;10-12;25
111-12829
T120I
7.6
300.0
80.0
535
PA66
Black (BK)
100 pcs.
3;10-12;25
111-12210
7.6
300.0
80.0
535
PA66
Natural (NA)
100 pcs.
3;10-12;25
111-12219
T150R
7.6
365.0
100.0
670
PA66
Black (BK)
100 pcs.
3;6;10-12;25
111-14810
7.6
365.0
100.0
670
PA66
Natural (NA)
100 pcs.
3;6;10-12;25
111-14819
T120R(E)
7.6
387.0
100.0
535
PA66
Black (BK)
100 pcs.
3;6;10-12;25
111-12010
7.6
387.0
100.0
535
PA66
Natural (NA)
100 pcs.
3;6;10-12;25
111-12019
T120M
7.6
460.0
125.0
535
PA66
Black (BK)
100 pcs.
3;6;10-12;25
111-12610
7.6
460.0
125.0
535
PA66
Natural (NA)
100 pcs.
3;6;10-12;25
111-12619
T120XM
7.6
600.0
175.0
535
PA66
Black (BK)
50 pcs.
3;6;10-12;25
111-12701
7.6
600.0
175.0
535
PA66
Natural (NA)
50 pcs.
3;6;10-12;25
111-12704
T120L
7.6
760.0
225.0
535
PA66
Black (BK)
50 pcs.
3;6;10-12;25
111-12403
7.6
760.0
225.0
535
PA66
Natural (NA)
50 pcs.
3;6;10-12;25
111-12429
T150M
8.9
530.0
150.0
780
PA66
Black (BK)
25 pcs.
6;10-12;25
111-00124
8.9
530.0
150.0
780
PA66
Natural (NA)
25 pcs.
6;10-12;25
111-15619
T150L
8.9
820.0
245.0
780
PA66
Black (BK)
25 pcs.
6;10-12;25
111-15405
8.9
820.0
245.0
780
PA66
Natural (NA)
25 pcs.
6;10-12;25
111-15419
T150XL
8.9
1,095.0
330.0
780
PA66
Black (BK)
25 pcs.
6;10-12;25
111-15500
8.9
1,095.0
330.0
780
PA66
Natural (NA)
25 pcs.
6;10-12;25
111-15519
T150XLL
8.9
1,325.0
405.0
780
PA66
Black (BK)
25 pcs.
6;10-12;25
111-15300
8.9
1,325.0
405.0
780
PA66
Natural (NA)
25 pcs.
6;10-12;25
111-15304
T250R
12.4
515.0
125.0
1,115
PA66
Natural (NA)
25 pcs.
11-12
111-24803
T250M
12.4
565.3
150.0
1,115
PA66
Black (BK)
25 pcs.
11-12
111-25001
12.4
565.3
150.0
1,115
PA66
Natural (NA)
25 pcs.
11-12
111-25002
T250I
12.4
730.0
203.0
1,115
PA66
Natural (NA)
25 pcs.
11-12
111-25219
T250L
12.4
880.0
254.0
1,115
PA66
Black (BK)
25 pcs.
11-12
111-24601
T250XL
12.4
1,030.0
305.0
1,115
PA66
Black (BK)
25 pcs.
11-12
111-25200
12.4
1,030.0
305.0
1,115
PA66
Natural (NA)
25 pcs.
11-12
111-00466
T250X
12.5
370.0
100.0
1,115
PA66
Black (BK)
100 pcs.
11-12
111-25102
All dimensions in mm. Subject to technical changes.
Minimum Order Quantity (MOQ) may differ from package content. Other packaging options may also be available.
For product specific approvals and specifications please refer to the Appendix.
Recommended Tools
2
3
5
6
8
10
11
12
25
MK20
MK21
MK3PNSP2
EVO7
MK7P
EVO9
EVO9HT
MK9P
EVOcut
549
549
550
552
554
553
553
555
561
For more information on toolings please refer to the Application Tooling chapter.



Html Pages

1 2 3 4