| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LS-T670 bảng dữ liệu(PDF) 11 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
LS-T670 bảng dữ liệu(HTML) 11 Page - ams-OSRAM AG |
|
11 / 22 page ![]() LS T670 11 Version 1.2 | 2019-07-20 Recommended Solder Pad 9) OHLPY970 2.6 (0.102) Cu-area > 16 mm Cu-Fläche > 16 mm 2 2 Solder resist Lötstopplack 2.6 (0.102) Padgeometrie für improved heat dissipation verbesserte Wärmeableitung Paddesign for Recommended Solder Pad 9) OHLPY440 Padgeometrie für verbesserte Wärmeableitung improved heat dissipation Paddesign for Lötstoplack Solder resist 0.8 (0.031) 2.3 (0.091) 3.3 (0.130) Cu Fläche /16 mm per pad 2 Cu-area _ < 3.3 (0.130) Kathode/ Cathode Anode 0.7 (0.028) Fläche darf bei Verwendung von TOPLED® For TOPLED® assembly do not use elektrisch nicht beschaltet werden. this area for electrical contact Fläche darf bei Verwendung von TOPLED® For TOPLED® assembly do not use elektrisch nicht beschaltet werden. this area for electrical contact For superior solder joint connectivity results we recommend soldering under standard nitrogen atmosphere. Package not suitable for ultra sonic cleaning. |