| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S71GL032N40 bảng dữ liệu(PDF) 3 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
S71GL032N40 bảng dữ liệu(HTML) 3 Page - SPANSION |
|
3 / 11 page ![]() This document contains information on one or more products under development at Spansion Inc. The information is intended to help you evaluate this product. Do not design in this product without contacting the factory. Spansion Inc. reserves the right to change or discontinue work on this proposed product without notice. Publication Number S71GL-N_00 Revision 03 Issue Date March 25, 2008 Distinctive Characteristics MCP Features Power supply voltage of 2.7 to 3.1 volt High performance – 90 ns access time (90 ns Flash, 70 ns pSRAM/SRAM) – 25 ns page read times Packages – 7 x 9 x 1.2 mm 56 ball FBGA (TLC056) Operating Temperature – –25°C to +85°C General Description The S71GL-N product series consists of S29GL-N Flash memory with pSRAM combinations defined as: For detailed specifications, please refer to the individual data sheets. S71GL-N Based MCPs Stacked Multi-Chip Product (MCP) Flash Memory and RAM 64/32 Megabit (4/2 M x 16-bit) CMOS 3.0 Volt-only Page Mode Flash Memory and 32/16/8/4 Megabit (2M/1M/512k/256k x 16-bit) Pseudo Static RAM Data Sheet (Advance Information) Flash Memory Density 32 Mb 64 Mb pSRAM Density 4 Mb S71GL032N40 8 Mb S71GL032N80 16 Mb S71GL032NA0 S71GL064NA0 32 Mb S71GL064NB0 Document Publication Identification Number (PID) S29GL-N S29GL-N_00 4 Mb pSRAM Type 9 pSRAM_33 8 Mb pSRAM Type 9 pSRAM_34 16 Mb pSRAM Type 7 pSRAM_13 32 Mb pSRAM Type 8 pSRAM_31 |