công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M95256-RMN6TG/V bảng dữ liệu(PDF) 7 Page - STMicroelectronics

tên linh kiện M95256-RMN6TG/V
Giải thích chi tiết về linh kiện  256 Kbit Serial SPI bus EEPROM with high speed clock
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95256-RMN6TG/V bảng dữ liệu(HTML) 7 Page - STMicroelectronics

Back Button M95256-RMN6TG/V Datasheet HTML 3Page - STMicroelectronics M95256-RMN6TG/V Datasheet HTML 4Page - STMicroelectronics M95256-RMN6TG/V Datasheet HTML 5Page - STMicroelectronics M95256-RMN6TG/V Datasheet HTML 6Page - STMicroelectronics M95256-RMN6TG/V Datasheet HTML 7Page - STMicroelectronics M95256-RMN6TG/V Datasheet HTML 8Page - STMicroelectronics M95256-RMN6TG/V Datasheet HTML 9Page - STMicroelectronics M95256-RMN6TG/V Datasheet HTML 10Page - STMicroelectronics M95256-RMN6TG/V Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
7/39
M95256, M95128
CONNECTING TO THE SPI BUS
These devices are fully compatible with the SPI
protocol.
All instructions, addresses and input data bytes
are shifted in to the device, most significant bit
first. The Serial Data Input (D) is sampled on the
first rising edge of the Serial Clock (C) after Chip
Select (S) goes Low.
All output data bytes are shifted out of the device,
most significant bit first. The Serial Data Output
(Q) is latched on the first falling edge of the Serial
Clock (C) after the instruction (such as the Read
from Memory Array and Read Status Register in-
structions) have been clocked into the device.
Figure 4. shows three devices, connected to an
MCU, on a SPI bus. Only one device is selected at
a time, so only one device drives the Serial Data
Output (Q) line at a time, all the others being high
impedance.
Figure 4. Bus Master and Memory Devices on the SPI Bus
Note: The Write Protect (W) and Hold (HOLD) signals should be driven, High or Low as appropriate.
AI03746D
Bus Master
(ST6, ST7, ST9,
ST10, Others)
SPI Memory
Device
SDO
SDI
SCK
CQD
S
SPI Memory
Device
CQD
S
SPI Memory
Device
CQD
S
CS3
CS2
CS1
SPI Interface with
(CPOL, CPHA) =
(0, 0) or (1, 1)
W
HOLD
W
HOLD
W
HOLD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39