| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8349 bảng dữ liệu(PDF) 68 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8349 bảng dữ liệu(HTML) 68 Page - Freescale Semiconductor, Inc |
|
68 / 88 page ![]() MPC8349E PowerQUICC™ II Pro Integrated Host Processor Hardware Specifications, Rev. 10 68 Freescale Semiconductor Clocking As described in Section 19, “Clocking,” the LBIUCM, DDRCM, and SPMF parameters in the reset configuration word low and the CFG_CLKIN_DIV configuration input signal select the ratio between the primary clock input (CLKIN or PCI_CLK) and the internal coherent system bus clock (csb_clk). Table 55 and Table 56 show the expected frequency values for the CSB frequency for select csb_clk to CLKIN/PCI_SYNC_IN ratios. 1011 × 11 1100 × 12 1101 × 13 1110 × 14 1111 × 15 Table 54. System PLL Multiplication Factors (continued) RCWL[SPMF] System PLL Multiplication Factor |