công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AWC86 bảng dữ liệu(PDF) 9 Page - List of Unclassifed Manufacturers

tên linh kiện AWC86
Giải thích chi tiết về linh kiện  Micro-Controller incorporates Web-Enabled, Real-time Operating System
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

AWC86 bảng dữ liệu(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AWC86 Datasheet HTML 5Page - List of Unclassifed Manufacturers AWC86 Datasheet HTML 6Page - List of Unclassifed Manufacturers AWC86 Datasheet HTML 7Page - List of Unclassifed Manufacturers AWC86 Datasheet HTML 8Page - List of Unclassifed Manufacturers AWC86 Datasheet HTML 9Page - List of Unclassifed Manufacturers AWC86 Datasheet HTML 10Page - List of Unclassifed Manufacturers AWC86 Datasheet HTML 11Page - List of Unclassifed Manufacturers AWC86 Datasheet HTML 12Page - List of Unclassifed Manufacturers AWC86 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Advanced Web Communication
(9)
Slim-Link® Server
Slim-Link® Server I/O Characteristics
1 DIO22, DIO23, DIO24, and DIO25 are not provided on the AWC86. On the AWC86A these signals are used to
control analog inputs and outputs.
2 DIO8, DIO9, DIO13, DIO14, include a 10K pull down resistor.
Analog I/O Signals (AWC86A only)
Signal
Mode
Maximum Voltage
Minimum Voltage
Analog Inputs
INPUT
-0.3 Volts
VCC+ .3 Volts
Analog Outputs
OUTPUT
0.0 Volts
4.096 Volts
Digital I/O Signals
Signal
Mode
Maximum Voltage Low
Minimum Voltage High
Programmable I/O Lines1, 2
INPUT
0.8 Volts
2.0 Volts
OUTPUT
0.45 Volts
2.4 Volts
Digital Input
INPUT
0.8 Volts
2.0 Volts
Interrupt Lines
OUTPUT
0.8 Volts
2.0 Volts
Reset
INPUT
0.8 Volts
2.4 Volts
NXMT
INPUT
0.8 Volts
2.4 Volts
NSTAT
OUTPUT
0.8 Volts
2.4 Volts
Network Interface Signals
Signal
Description
Impedance for Line Pair
Maximum Loop Length
TD+
Ethernet 10Base-T Transmit Data Positive
100 Ohms Transmit Pair
100 Meters
TD-
Ethernet 10Base-T Transmit Data Negative
100 Ohms Transmit Pair
100 Meters
RD+
Ethernet 10Base-T Receive Data Positive
100 Ohms Receive Pair
100 Meters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com