công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XS3F-M8PVC4A2M bảng dữ liệu(PDF) 49 Page - Omron Electronics LLC

tên linh kiện XS3F-M8PVC4A2M
Giải thích chi tiết về linh kiện  Proximity Sensor
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS3F-M8PVC4A2M bảng dữ liệu(HTML) 49 Page - Omron Electronics LLC

Back Button XS3F-M8PVC4A2M Datasheet HTML 45Page - Omron Electronics LLC XS3F-M8PVC4A2M Datasheet HTML 46Page - Omron Electronics LLC XS3F-M8PVC4A2M Datasheet HTML 47Page - Omron Electronics LLC XS3F-M8PVC4A2M Datasheet HTML 48Page - Omron Electronics LLC XS3F-M8PVC4A2M Datasheet HTML 49Page - Omron Electronics LLC XS3F-M8PVC4A2M Datasheet HTML 50Page - Omron Electronics LLC XS3F-M8PVC4A2M Datasheet HTML 51Page - Omron Electronics LLC XS3F-M8PVC4A2M Datasheet HTML 52Page - Omron Electronics LLC XS3F-M8PVC4A2M Datasheet HTML 53Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 49 / 53 page
background image
E2E/E2EQ NEXT Series
49
Mutual Interference
When installing two or more Proximity Sensors face-to-face or side-
by-side, ensure that the minimum distances given in the following
table are maintained.
(Unit: mm)
Shielded
Unshielded
Mounting
Tightening Force
Do not tighten the nut with excessive force.
A washer must be used with the nut.
Note: 1. The allowable tightening strength depends on the distance
from the edge of the head, as shown in the following table.
(A is the distance from the edge of the head. B includes the
nut on the head side. If the edge of the nut is in part A, the
tightening torque for part A applies instead.)
2. The following strengths assume washers are being used.
Quadruple distance model, Triple distance model,
Spatter-resistant Triple distance model
* If using the E2EQ (M18), refer to this torque value.
Double distance model, Single distance model,
Spatter-resistant Triple distance model,
Spatter-resistant Single distance model
* If using the E2EQ (M30), refer to this torque value.
Mounting
In the IO-Link mode, the cord between the IO-Link master and sensor
must have a length of 20 m or less.
Models
Model
Item
A
B
Quadruple
distance model
E2E-X4
□8
40
20
E2E-X9
□12
60
35
E2E-X14
□18
90
50
E2E-X23
□30
150
90
Triple distance
model/
Spatter-resistant
Triple distance
model
E2E(Q)-X3
□8
25
20
E2E(Q)-X6
□12
40
30
E2E(Q)-X12
□18
70
45
E2E(Q)-X22
□30
150
90
Double distance
model/
Spatter-resistant
Double distance
model
E2E(Q)-X2
□8
20
15
E2E(Q)-X4
□12
30
20
E2E(Q)-X8
□18
60
35
E2E(Q)-X15
□30
110
90
Single distance
model/
Spatter-resistant
Single distance
model
E2E(Q)-X1R5
□8
20
15
E2E(Q)-X2
□12
30
20
E2E(Q)-X5
□18
50
35
E2E(Q)-X10
□30
100
70
Models
Model
Item
A
B
Quadruple
distance model
E2E-X8M
□8
80
60
E2E-X16M
□12
160
120
E2E-X30M
□18
360
300
E2E-X50M
□30
700
480
Triple distance
model
E2E-X6M
□8
80
60
E2E-X10M
□12
120
100
E2E-X20M
□18
200
120
E2E-X40M
□30
380
300
Double distance
model
E2E-X4M
□8
80
60
E2E-X8M
□12
120
100
E2E-X16M
□18
200
120
E2E-X30M
□30
350
300
Single distance
model
E2E-X2M
□8
80
60
E2E-X5M
□12
120
100
E2E-X10M
□18
200
110
E2E-X18M
□30
300
200
A
B
Size
Shielded
Part A
Part B
Dimension
(mm)
Torque
Torque
M8
Shielded
9
4 N·m
10 N·m
Unshielded
3
M12
Shielded
16
6 N·m
15 N·m
Unshielded
9
M18
Shielded
16
15 N·m
60 N·m
(30 N·m *)
Unshielded
3
M30
Shielded
23
40 N·m
80 N·m
Unshielded
8
Size
Shielded
Part A
Part B
Dimension
(mm)
Torque
Torque
M8
Shielded
9
9 N·m
12 N·m
Unshielded
3
M12
---
---
30 N·m
M18
---
---
70 N·m
M30
---
---
180 N·m (100 N·m *)
Part B Part A
Part B Part A
Shielded Models
Unshielded Models



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com