công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XS3F-M8PVC4S10M bảng dữ liệu(PDF) 22 Page - Omron Electronics LLC

tên linh kiện XS3F-M8PVC4S10M
Giải thích chi tiết về linh kiện  Proximity Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS3F-M8PVC4S10M bảng dữ liệu(HTML) 22 Page - Omron Electronics LLC

Back Button XS3F-M8PVC4S10M Datasheet HTML 18Page - Omron Electronics LLC XS3F-M8PVC4S10M Datasheet HTML 19Page - Omron Electronics LLC XS3F-M8PVC4S10M Datasheet HTML 20Page - Omron Electronics LLC XS3F-M8PVC4S10M Datasheet HTML 21Page - Omron Electronics LLC XS3F-M8PVC4S10M Datasheet HTML 22Page - Omron Electronics LLC XS3F-M8PVC4S10M Datasheet HTML 23Page - Omron Electronics LLC XS3F-M8PVC4S10M Datasheet HTML 24Page - Omron Electronics LLC XS3F-M8PVC4S10M Datasheet HTML 25Page - Omron Electronics LLC XS3F-M8PVC4S10M Datasheet HTML 26Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
E2E/E2EQ NEXT Series
36
Round Water-resistant Connectors XS3W-M8/XS3F-M8 series
Note: For details of the connector, refer to XS3W-M8/XS3F-M8 Series on page 102.
Sensor I/O Connectors Oil resistance performance of mating combination
* Applicable cutting oil type: specified in JIS K 2241:2000
2 years of oil resistance indicates the median value of the product design and the oil-resistance performance criterion result (=Typical value).
Products to be shipped will have around 2 years of oil resistance, but will very depending on the product.
e-jig (Mounting Sleeves) [Refer to Dimensions on page 66.]
A Mounting Bracket is not provided with the Sensor. It must be ordered separately as required.
Only applicable to standard body-sized E2E NEXT Series Sensors.
Note: Not applicable for E2E NEXT Series long-body models and E2EQ NEXT Series (spatter-resistant) models.
Appearance
Cable
specification
Type
Cable
diameter
(mm)
No. of
cablecores
(Poles)
Cable connection
direction
Cable
length
(m)
Sensor I/O Connector
model number
Applicable
Proximity Sensor
model number
M8 Connector
Straight type
Right-angle type
PVC cable
Sockets on One
Cable End
5 dia.
3
Straight
2
XS3F-M8PVC3S2M
E2E-X
@@@-M5
5
XS3F-M8PVC3S5M
10
XS3F-M8PVC3S10M
Right-angle
2
XS3F-M8PVC3A2M
5
XS3F-M8PVC3A5M
10
XS3F-M8PVC3A10M
4
Straight
2
XS3F-M8PVC4S2M
E2E-X
@@@-M3
5
XS3F-M8PVC4S5M
10
XS3F-M8PVC4S10M
Right-angle
2
XS3F-M8PVC4A2M
5
XS3F-M8PVC4A5M
10
XS3F-M8PVC4A10M
Socket and Plug
on Cable Ends
3
Straight (Plug)/
Straight (Socket)
2
XS3W-M8PVC3SS2M
E2E-X
@@@-M5
5
XS3W-M8PVC3SS5M
10
XS3W-M8PVC3SS10M
Straight (Plug)/
Right-angle (Socket)
2
XS3W-M8PVC3SA2M
5
XS3W-M8PVC3SA5M
10
XS3W-M8PVC3SA10M
4
Straight (Plug)/
Straight (Socket)
2
XS3W-M8PVC4SS2M
E2E-X
@@@-M3
5
XS3W-M8PVC4SS5M
10
XS3W-M8PVC4SS10M
Straight (Plug)/
Right-angle (Socket)
2
XS3W-M8PVC4SA2M
5
XS3W-M8PVC4SA5M
10
XS3W-M8PVC4SA10M
E2E NEXT Series
Applicable connector Model
Connecting method
Model
XS5 NEXT Series
XS5 Series
XS3W-M8/XS3F-M8 Series
Pre-wired Connector Models
E2E-X
@@-M1TJ(R)
Oil resistant (2 years) *
Water-resistant (IP67)
---
M12 Connector Models
E2E-X
@@-M1
Water-resistant (IP67)
Water-resistant (IP67)
---
M8 Connector (4-pin) Models
E2E-X
@@-M3
---
---
Water-resistant (IP67)
M8 Connector (3-pin) Models
E2E-X
@@-M5
---
---
Water-resistant (IP67)
Appearance
Model
Applicable Sensors
Y92E-J8S12
E2E NEXT M8 Shielded Sensors
Y92E-J12S18
E2E NEXT M12 Shielded Sensors
Y92E-J18S30
E2E NEXT M18 Shielded Sensors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com