công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XS3F-M8PVC4S5M bảng dữ liệu(PDF) 37 Page - Omron Electronics LLC

tên linh kiện XS3F-M8PVC4S5M
Giải thích chi tiết về linh kiện  Proximity Sensor
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS3F-M8PVC4S5M bảng dữ liệu(HTML) 37 Page - Omron Electronics LLC

Back Button XS3F-M8PVC4S5M Datasheet HTML 33Page - Omron Electronics LLC XS3F-M8PVC4S5M Datasheet HTML 34Page - Omron Electronics LLC XS3F-M8PVC4S5M Datasheet HTML 35Page - Omron Electronics LLC XS3F-M8PVC4S5M Datasheet HTML 36Page - Omron Electronics LLC XS3F-M8PVC4S5M Datasheet HTML 37Page - Omron Electronics LLC XS3F-M8PVC4S5M Datasheet HTML 38Page - Omron Electronics LLC XS3F-M8PVC4S5M Datasheet HTML 39Page - Omron Electronics LLC XS3F-M8PVC4S5M Datasheet HTML 40Page - Omron Electronics LLC XS3F-M8PVC4S5M Datasheet HTML 41Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
E2E/E2EQ NEXT Series
51
Shielded
Double distance model, Spatter-resistant Double distance model Single distance model, Spatter-resistant Single distance model
Size: M8 E2E(Q)-X2
@8
Size: M8 E2E(Q)-X1R5
@8
Size: M12 E2E(Q)-X4
@12
Size: M12 E2E(Q)-X2
@12
Size: M18 E2E(Q)-X8
@18
Size: M18 E2E(Q)-X5
@18
Size: M30 E2E(Q)-X15
@30
Size: M30 E2E(Q)-X10
@30
BASIC Model
0
5
10
15
20
25
0.5
1.0
1.5
2.0
2.5
3.0
Side length of sensing object: d (mm)
Iron
Stainless steel
(SUS304)
Brass
Copper
Aluminum
@d
t=1mm
X
0
5
1015
2025
0.5
1.0
1.5
2.0
2.5
Side length of sensing object: d (mm)
Iron
Stainless steel
(SUS304)
Brass
Copper
Aluminum
@d
t=1mm
X
0
1
2
3
4
5
0
5
10
15
20
25
30
Side length of sensing object: d (mm)
Iron
Stainless steel
(SUS304)
Brass
Copper
Aluminum
@d
t=1mm
X
0
510
15
20
25
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Side length of sensing object: d (mm)
Iron
Stainless steel
(SUS304)
Brass
Copper
Aluminum
@d
t=1mm
X
0
2
4
6
8
10
0
1020304050
Side length of sensing object: d (mm)
Iron
Brass
Copper
Aluminum
Stainless steel
(SUS304)
@d
t=1mm
X
@d
t=1mm
X
0
1
2
3
4
5
6
0
1020304050
Side length of sensing object: d (mm)
Iron
Stainless steel
(SUS304)
Brass
Copper
Aluminum
0
4
8
12
16
20
0
10203040506070
Iron
Side length of sensing object: d (mm)
Stainless steel
(SUS304)
Brass
Aluminum
Copper
@d
t=1mm
X
0
2
4
6
8
10
12
0
102030405060
Iron
Stainless steel
(SUS304)
Brass
Aluminum
Copper
Side length of sensing object: d (mm)
@d
t=1mm
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com