| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLC2201AID bảng dữ liệu(PDF) 57 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TLC2201AID bảng dữ liệu(HTML) 57 Page - Texas Instruments |
|
57 / 64 page ![]() TLC220x, TLC220xA, TLC220xB, TLC220xY Advanced LinCMOS ™ LOW-NOISE PRECISION OPERATIONAL AMPLIFIERS SLOS175 – FEBRUARY 1997 57 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 MECHANICAL INFORMATION JG (R-GDIP-T8) CERAMIC DUAL-IN-LINE PACKAGE 4040107 / B 04/95 0.020 (0,51) MIN 0.200 (5,08) MAX 0.130 (3,30) MIN 14 5 8 0 °–15° 0.008 (0,20) 0.310 (7,87) 0.290 (7,37) 0.245 (6,22) 0.280 (7,11) Seating Plane 0.015 (0,38) 0.015 (0,38) 0.023 (0,58) 0.400 (10,20) 0.355 (9,00) 0.063 (1,60) 0.015 (0,38) 0.065 (1,65) 0.045 (1,14) 0.100 (2,54) NOTES: A. All linear dimensions are in inches (millimeters). B. This drawing is subject to change without notice. C. This package can be hermetically sealed with a ceramic lid using glass frit. D. Index point is provided on cap for terminal identification only on press ceramic glass frit seal only E. Falls within MIL-STD-1835 GDIP1-T8 |