công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

1SE7 bảng dữ liệu(PDF) 6 Page - Honeywell Solid State Electronics Center

tên linh kiện 1SE7
Giải thích chi tiết về linh kiện  MICRO SWITCH™ Miniature Sealed Basic Switches SE and XE Series
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HONEYWELL [Honeywell Solid State Electronics Center]
Trang chủ  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

1SE7 bảng dữ liệu(HTML) 6 Page - Honeywell Solid State Electronics Center

Back Button 1SE7 Datasheet HTML 2Page - Honeywell Solid State Electronics Center 1SE7 Datasheet HTML 3Page - Honeywell Solid State Electronics Center 1SE7 Datasheet HTML 4Page - Honeywell Solid State Electronics Center 1SE7 Datasheet HTML 5Page - Honeywell Solid State Electronics Center 1SE7 Datasheet HTML 6Page - Honeywell Solid State Electronics Center 1SE7 Datasheet HTML 7Page - Honeywell Solid State Electronics Center 1SE7 Datasheet HTML 8Page - Honeywell Solid State Electronics Center 1SE7 Datasheet HTML 9Page - Honeywell Solid State Electronics Center 1SE7 Datasheet HTML 10Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6 sensing.honeywell.com
SE and XE Series
ELECTROMECHANICAL SWITCHES
Definitions below explain the meaning of
operating characteristics. Characteristics
shown in tables were chosen as most
significant. They are taken at normal room
temperature and humidity. These may vary
as temperature and humidity conditions
differ. Sketches show how characteristics
are measured for in-line plunger actuation.
Linear dimensions for in-line actuation are
from top of plunger to a reference line,
usually the center of the mounting holes.
Differential Travel (D.T.) –
Plunger or
actuator travel from point where contacts
‘‘snap-over’’ to point where they ‘‘snap-
back.’’
Free Position (F.P.) –
Position of switch
plunger or actuator when no external force
is applied (other than gravity).
Full Overtravel Force –
Force required to
attain full overtravel of actuator.
Operating Position (O.P.) –
Position of
switch plunger or actuator at which point
contacts snap from normal to operated
position. Note that in the case of flexible
or adjustable actuators, the operating
position is measured from the end of the
lever or its maximum length. Location of
operating position measurement shown on
mounting dimension drawings.
Operating Force (O.F.) –
Amount of force
applied to switch plunger or actuator to
cause contact ‘‘snap-over.’’ Note in the
case of adjustable actuators, the force is
measured from the maximum length posi-
tion of the lever.
Overtravel (O.T.) –
Plunger or actuator
travel safely available beyond operating
position.
Pretravel (P.T.) –
Distance or angle trav-
eled in moving plunger or actuator from
free position to operating position.
Release Force (R.F.) –
Amount of force
still applied to switch plunger or actuator
at moment contacts snap from operated
position to unoperated position.
Total Travel (T.T.) –
Distance from actuator
free position to overtravel limit position.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com