| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
E5DC-RX2DUM-000 bảng dữ liệu(PDF) 28 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E5DC-RX2DUM-000 bảng dữ liệu(HTML) 28 Page - Omron Electronics LLC |
|
28 / 138 page ![]() E5CC/E5CC-B/E5CC-U 28 *8. The E5CC-U plug-in model is certified for UL listing only when used together with the OMRON P2CF-11 or P2CF-11-E Socket. The P3GA-11 is not certified for UL listing. *9. Access the following website for information on certified models. http://www.ia.omron.com/support/models/index.html *10.Refer to information on maritime standards in Shipping Standards on page 124 for compliance with Lloyd's Standards. *11.Industrial electromagnetic environment (EN/IEC 61326-1 Table 2) Standards Approved standards cULus: UL 61010-1/CSA C22.2 No.61010-1 *8, KOSHA (S Mark) certification (Some models only.) *9, Korean wireless regulations (Radio law: KC Mark) (Some models only.) *9, Lloyd's standards *10, EAC Conformed standards EN 61010-1 (IEC 61010-1), RCM EMC EMI: EN 61326-1 *11 Radiated Interference Electromagnetic Field Strength: EN 55011 Group 1, class A Noise Terminal Voltage: EN 55011 Group 1, class A EMS: EN 61326-1 *11 ESD Immunity: EN 61000-4-2 Electromagnetic Field Immunity: EN 61000-4-3 Burst Noise Immunity: EN 61000-4-4 Conducted Disturbance Immunity: EN 61000-4-6 Surge Immunity: EN 61000-4-5 Voltage Dip/Interrupting Immunity: EN 61000-4-11 |