| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
E32-R16 5M bảng dữ liệu(PDF) 1 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E32-R16 5M bảng dữ liệu(HTML) 1 Page - Omron Electronics LLC |
|
1 / 13 page ![]() CSM_E3X-HD_DS_E_7_2 1 Smart Fiber Amplifier Unit E3X-HD Easy and optimum settings for anyone Smart Fiber Amplifier Unit with Long-term Stable Detection • Equipped with Smart Tuning, which automatically configures the settings to their optimum values with the press of a single button. • Highly usable design enables anyone to configure the settings easily. • Detects dirt, vibrations, and LED deterioration, and automatically compensates the incident level and the light intensity. • Unparalleled best-in-class power provides stable detections for low- reflective workpieces and large workpieces (equipped with GIGA RAY II). Features Refer to the Fiber Sensors Technical Guide and Safety Precautions on page 9. Easy Stable For the most recent information on models that have been certified for safety standards, refer to your OMRON website. are realized by a universal design Greater operability and visibility A strong accent line gives a compact look to improve equipment design Symbolic buttons are easy to remember anywhere even for operators overseas. Visibility is improved with digital displays and visible indicators. UP DOWN MODE L/D TUNE Smart tuning for the optimum settings with just one button. New Concept: Visible Indicators LD OUT indicator Threshold (green) Incident level (red) DPC ST O U T LD ST DPC Compatibility for easy operation and incorrect operation prevention. Buttons are arranged in a straight line. Sliding switches Pushbutton switches (no sliding switches) E3X-HD Conventional Models Pleasing operation even with gloves on. Hard to operate. Finger gets caught. Operations Indications Smart Tuning Arc Design Smart Tuning Press only twice. Incident level adjustment with workpiece Incident level adjustment without workpiece Threshold setting (Set to intermediate value between the incident levels with and without a workpiece. ) Settings are simultaneously completed. With workpiece Without workpiece Operation mode indicator to prevent incorrect settings. Flashing indicator enables preventive maintenance. Indicates that the optimum settings have been made. Automatically configure the settings to their optimum values with the press of a single button. No Maintenance Compensated 5000 9999 DPC ST O U T L D No Maintenance Compensated 50000 999999999999 C DPC ST O U T L D Decreased 5000 9000 DPC ST O U T LD LED Aged deterioration Dirt Vibration Smart Power Control Light intensity compensation Incident level compensation + Maintenance-free operation by double compensation of light intensity and incident level Smart Power Control Long-term stable detection with no maintenance Without APC With APC Time Long-term stability Flashes when compensation is no longer possible. Incident level Target value (displayed incident level) Setting value (threshold value) Time APC (AUTO POWER CONTROL) Automatically compensate light intensity DPC (DYNAMIC POWER CONTROL) Automatically compensate incident level Always ON DPC Compen- sated. Compen- sated. Compen- sated. |
Số phần tương tự - E32-R16 5M |
|
Mô tả tương tự - E32-R16 5M |