| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FZ-S/SC bảng dữ liệu(PDF) 18 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
FZ-S/SC bảng dữ liệu(HTML) 18 Page - Omron Electronics LLC |
|
18 / 54 page ![]() 18 Vision System FH-Series AI-based automated visual inspection • AI reproduces human sensibility and experience • Software for flexible automation • Design interface for quick setup System configuration PLC for I/O control Trigger input sensor Lighting Controllers Incremental rotary encoder Another slave (With built-in EtherCAT slave function) NJ/NX/NY series Controller Lighting Controllers External Lightings special cable EtherCAT Cables *1 EtherCAT Cables *1 special cable for Touch Panel Monitor cable tor Touch Panel interface *1. To use STP (shielded twisted-pair) cable of category 5 or higher with double shielding (braiding and aluminum foil tape) for EtherCAT and RJ45 connector. *2. To use STP (shielded twisted-pair) cable of category 5 or higher for Ethernet and RJ45 connector. Example of the FH Sensor Controllers (4-camera type) EtherCAT connections for FH series special cable for I/O EtherCAT junction slaves Ethernet Cables *2 (6) (7) Sysmac Studio Standard Edition Vision Edition (2) Cameras (4) Lights (1) Vision System FH Sensor Controllers (3) special cable for cameras (5) Touch Panel Monitor FH-MT12 |