| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
E5ED-RX4DBM-010 bảng dữ liệu(PDF) 18 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E5ED-RX4DBM-010 bảng dữ liệu(HTML) 18 Page - Omron Electronics LLC |
|
18 / 56 page ![]() E5CD/E5CD-B 18 Adapter DIN Track Mounting Adapter (Cannot be used on a Push-In Plus terminal block type) 87 76 4.7 Fixture (Accessory) 69.6 to 77.6 67 × 67 72 × 72 72 × 72 48 × 48 Panel (1 to 8 mm) Mounting Adapter Y92F-30 (Accessory) 62.8 To back of the E5CD 2.2 4.7 Y92F-45 Mounting Example Note: 1. Use this Adapter when the Front Panel has already been prepared for the E5B @. 2. Only black is available. 3. You cannot use the E58-CIFQ2 USB-Serial Conversion Cable if you use the Y92F-45 Adapter. To use the USB-Serial Conversion Cable to make the settings, do so before you mount the Digital Temperature Controller in the panel. 4. You cannot use it together with the Y92F-49 Adapter that is enclosed with the Controller. 50 61 3.5 38 48 80.5 Y92F-52 Mounting Example Note: This Adapter cannot be used together with the Terminal Cover. Remove the Terminal Cover to use the Adapter. This Adapter is used to mount the E5CD to a DIN Track. If you use the Adapter, there is no need for a plate to mount in the panel or to drill mounting holes in the panel. |