| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
E39-R1 bảng dữ liệu(PDF) 11 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E39-R1 bảng dữ liệu(HTML) 11 Page - Omron Electronics LLC |
|
11 / 38 page ![]() E3X-NH E3X-NH 11 Excess Gain Ratio (Typical) With standard sensing object E32-D11R E32-D21R Sensing distance (mm) Sensing distance (mm) Sensing distance Sensing distance Sensing object Sensing object • E3X-NHB11 E32-TC200 E32-TC200 + E39-F1 E32-D11 E32-D12 Set distance (mm) Set distance (mm) Set distance (mm) Set distance (mm) Sensing distance Sensing distance Sensing distance Sensing distance Operating Range (Typical) With standard sensing object at max. sensitivity. • E3X-NHj1 E32-T11L with E39-F3 E32-DC200 E32-D11L E32-D12 E32-D21L E32-DC200E Sensing object Sensing object Sensing object Sensing object Sensing object Set distance X (mm) Sensing object Set distance X (mm) Sensing object Set distance X (mm) Set distance X (mm) Set distance X (mm) E32-D21 Set distance X (mm) Set distance X (mm) E32-D11R E32-D32 Sensing object Set distance X (mm) E32-CC200 Sensing object Sensing object Set distance X (mm) Set distance X (mm) E32-D11 E32-D21R Sensing object Set dis- tance X (mm) Set dis- tance X (mm) |