| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FZ-SC2M bảng dữ liệu(PDF) 52 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
FZ-SC2M bảng dữ liệu(HTML) 52 Page - Omron Electronics LLC |
|
52 / 54 page ![]() FH-Series 52 Related Manuals Man.No. Model number Manual Z365 FH/FHV7 Vision System FH/FHV7 Series User's Manual Z341 FH/FHV7 Vision System FH/FHV7 series Processing Item Function Reference Manual Z342 FH/FHV7 Vision System FH/FHV7 Series User's Manual for Communications Settings Z343 FH/FHV7 Vision System FH/FHV7 Series Operation Manual for Sysmac Studio Z366 FH Vision System FH series Hardware Setup Manual Z367 FH Vision System FH series Macro Customize Functions Programming Manual Z437 FH-UMAI FH Application Software FH-UMAI Processing Item Function Reference Manual Z438 FH-UMAI FH Application Software FH-UMAI Version Update Tool Operating Manual Field of vision (mm) 10 100 1,000 10 1 100 1,000 5,000 t0 t15 t0 t15 t25 t5 t10 t20 t30 t40 t35 t25 t20 t5 t10 t0 t2 t0 t0 t2 t2 t0 t30 t20 t40 t35 t10 t30 t25 t1 t10 t5 t1 t1 t5 t15 t5 VS-MC50H1 3Z4S-LE VS-MC08H1 VS-MC12H1 VS-MC16H1 VS-MC25H1 VS-MC35H1 Digital CMOS Camera FH-S @21R 20.4 million-pixel (Using 3Z4S-LE VS-MCH1 Series) t40 t40 t20 t20 t40 t40 t20 t20 t10 t10 t10 t10 t20 t20 t0 t0 t0 t0 t0 t0 t0 t0 t2 t2 t8 t8 t0 t0 t0 t0 t40 t40 t30 t30 t30 t30 t20 t20 t10 t10 t40 t40 t40 t20 t40 t20 t10 t10 t20 t0 t0 t0 t0 t2 t8 t0 t0 t40 t30 t30 t20 t10 t40 3Z4S-LE VS-MCL18/M42-10 VS-MCL25/M42-10 VS-MCL35/M42-10 VS-MCL50/M42-10 VS-MCL85/M42-10 VS-MCL100/M42-10 10 100 1,000 10,000 10 100 1,000 Field of vision (mm) High-speed Digital CMOS Camera FH-S @12 12 million-pixel (Using 3Z4S-LE VS-MCL/M42-10 Series) • Sysmac is a trademark or registered trademark of OMRON Corporation in Japan and other countries for OMRON factory automation products. • Think&See is a trademark or registered trademark of OMRON Corporation in Japan and other countries. •EtherCAT® is a registered trademark and patented technology, licensed by Beckhoff Automation GmbH, Germany. • EtherNet/IP® is a trademark of ODVA. •Microsoft® Visual Studio® and Windows are either registered trademarks or trademarks of Microsoft Corporation in the United States and/or other countries. • QR code is the registered trademark of DENSO WAVE. • Intel and the Intel logo are trademarks of Intel Corporation in the U.S. and/or other countries. • Other company names and product names in this document are the trademarks or registered trademarks of their respective companies. • The product photographs and figures that are used in this catalog may vary somewhat from the actual products. • The SD Logo is a trademark of SD-3C LLC. • Microsoft product screen shot(s) reprinted with permission from Microsoft Corporation. • The permission of Shutterstock.com was received for images that were used. |