| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
E5AC-RX4A5M-000 bảng dữ liệu(PDF) 90 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E5AC-RX4A5M-000 bảng dữ liệu(HTML) 90 Page - Omron Electronics LLC |
|
90 / 138 page ![]() E5CC-T 90 Accessories (Order Separately) Terminal Covers (2110) 250 263 1510 USB connector (type A plug) Serial connector LED (SD) LED (PWR) LED (RD) USB-Serial Conversion Cable E58-CIFQ2 48 48.8 22 9.1 10 44.8 2 3.8 Terminal Cover (E53-COV23) E53-COV17 E53-COV23 (Three Covers provided.) Waterproof Packing Y92S-P8 (for DIN 48 × 48) The Waterproof Packing is provided with the Temperature Controller. Order the Waterproof Packing separately if it becomes lost or damaged. The Waterproof Packing can be used to achieve an IP66 degree of protection. (Deterioration, shrinking, or hardening of the waterproof packing may occur depending on the operating environment. Therefore, periodic replacement is recommended to ensure the level of waterproofing specified in IP66. The time for periodic replacement depends on the operating environment. Be sure to confirm this point at your site. Consider three years as a rough standard.) |