| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AJ71QC24N-R2 bảng dữ liệu(PDF) 9 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
AJ71QC24N-R2 bảng dữ liệu(HTML) 9 Page - Omron Electronics LLC |
|
9 / 24 page ![]() EJ1 9 Unit Configuration Example Minimal Configuration Small Systems with 2 Channels or 4 Channels Communicating with the Host Device via RS-485 (CompoWay/F Protocol) • Alarms can be allocated to the auxiliary output for the End Unit. • G3ZA/G3PW outputs can be used. Multiple Units without an EJ1N-HFU Building Systems Communicating with the Host Device, such as a PLC, PT, or Computer, via RS-485 (CompoWay/F Protocol) • The 2 auxiliary alarm outputs provided on the End Unit can be used for integrated alarm systems. • G3ZA/G3PW outputs can be used. • Distributed placement is possible by using multiple EJ1C-EDU End Units. Multiple Units with an EJ1N-HFU Using the EJ1N-HFU @-NFL@ to Build a System Communicating 1:1 with a PLC Using Programless Communications • The 2 auxiliary outputs provided on the End Unit can be used. • The 4 event inputs and 4 auxiliary outputs of the HFU can also be used. • G3ZA/G3PW outputs can be used. • Distributed placement is possible by using multiple EJ1C-EDU End Units COM1 COM2 COM3 PWR RUN ERR ALM SW1 ON SW2 EJ1-TC4 BCDE PC PLC PT PC EJ1N-TC4 or EJ1N-TC2 EJ1C-EDU Port A (connector): USB connection can be made with the E58-CIFQ1 (sold separately). CX-Thermo for setting Host devices Port B: RS-485 (CompoWay/F) SW2 SW1 ERROR OCC SD/RD READY G3ZA PC PLC PT PC EJ1N-TC4 or EJ1N-TC2 EJ1C-EDU Port B: RS-485 (CompoWay/F) COM1 COM2 COM3 PWR RUN ERR ALM SW1 ON SW2 EJ1-TC4 DEF COM1 COM2 COM3 PWR RUN ERR ALM SW1 ON SW2 EJ1-TC4 DEF COM1 COM2 COM3 PWR RUN ERR ALM SW1 ON SW2 EJ1-TC4 DEF SW2 SW1 ERROR OCC SD/RD READY SW2 SW1 ERROR OCC SD/RD READY G3ZA G3ZA Host devices G3ZA connection port G3ZA connection port G3ZA connection port CX-Thermo for setting Port A (connector): USB connection can be made with the E58-CIFQ1 (sold separately). SW2 SW1 ERROR OCC SD/RD READY G3ZA SW2 SW1 ERROR OCC SD/RD READY SW2 SW1 ERROR OCC SD/RD READY G3ZA G3ZA PC EJ1N-HFU PLC EJ1N-TC4 or EJ1N-TC2 EJ1C-EDU Port B RS-232C/RS-485 Port B is used for distributed placement. Port A (connector): USB connection can be made with the E58-CIFQ1 (sold separately). COM1 COM2 COM3 PWR RUN ERR ALM SW1 ON SW2 EJ1-TC4 BCDE COM1 COM2 COM3 PWR RUN ERR ALM SW1 ON SW2 EJ1-TC4 BCDE COM1 COM2 COM3 PWR RUN ERR ALM SW1 ON SW2 EJ1-TC4 BCDE COM1 COM2 COM3 PWR RUN ERR ALM SW1 ON SW2 EJ1-HFU BCDE CX-Thermo for setting G3ZA connecti- on port G3ZA connection port Port C G3ZA connection port Note: Port C can be connected with the commercially available serial cable. |