| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
F3SG-R bảng dữ liệu(PDF) 136 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
F3SG-R bảng dữ liệu(HTML) 136 Page - Omron Electronics LLC |
|
136 / 164 page ![]() F3SG-RA-02TS 136 Side Mounting F3SG-4RA- @@@@-25-02TS Series *1. The number of brackets required to mount either one of emitter and receiver. *2. Mounting an emitter or receiver with one bracket is possible for the model of protective height of 0240. In this case, locate this bracket at half the Dimension C (or at the center of the sensor length). Dimension C 4-digit number of the type name (Protective height) Dimension D C-20 Dimension P 20 Protective height (C) Number of Free-Location Brackets *1 Dimension F 0240 to 1200 2 *2 1000 mm max. 1280 to 1920 3 1000 mm max. 31.4 2-M4 2-M4 38 50 16.3 23.5 (F39-LGRA) (F39-LGRA) 2-M5 or M6 2-M5 or M6 Free-Location Bracket Free-Location Bracket <Screw: M5 or M6> |