| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
F3SG-R bảng dữ liệu(PDF) 79 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
F3SG-R bảng dữ liệu(HTML) 79 Page - Omron Electronics LLC |
|
79 / 164 page ![]() F3SG-RE 79 List of Models/Response Time/Current Consumption/Weight F3SG- @RE@@@@@-14 *1. The maximum speed of movement of a test rod up to which the detection capability is maintained is 2.0 m/s. *2. The net weight is the weight of an emitter and a receiver. *3. The gross weight is the weight of an emitter, a receiver, included accessories and a package. F3SG- @RE@@@@@30 *1. The maximum speed of movement of a test rod up to which the detection capability is maintained is 2.0 m/s. *2. The net weight is the weight of an emitter and a receiver. *3. The gross weight is the weight of an emitter, a receiver, included accessories and a package. Model Number of Beams Protective Height [mm] Response Time [ms] *1 Current Consumption [mA] Weight [kg] ON →OFF OFF (Synchronized) →ON OFF (Not synchronized) →ON Emitter Receiver Net *2 Gross *3 F3SG- @RE0160@14 15 160 5 25 125 45 50 0.6 1.9 F3SG- @RE0240@14 23 240 5 25 125 55 55 0.8 2.2 F3SG- @RE0320@14 31 320 7 35 135 55 55 1.0 2.5 F3SG- @RE0400@14 39 400 7 35 135 65 60 1.2 2.9 F3SG- @RE0480@14 47 480 7 35 135 70 60 1.4 3.2 F3SG- @RE0560@14 55 560 7 35 135 80 60 1.6 3.5 F3SG- @RE0640@14 63 640 7 35 135 85 65 1.9 3.8 F3SG- @RE0720@14 71 720 9 45 145 80 65 2.1 4.1 F3SG- @RE0800@14 79 800 9 45 145 85 70 2.3 4.4 F3SG- @RE0880@14 87 880 9 45 145 90 70 2.5 4.7 F3SG- @RE0960@14 95 960 9 45 145 95 75 2.7 5.0 F3SG- @RE1040@14 103 1040 9 45 145 100 75 2.9 5.4 F3SG- @RE1120@14 111 1120 11 55 155 90 75 3.1 5.7 F3SG- @RE1200@14 119 1200 11 55 155 95 80 3.3 6.0 F3SG- @RE1280@14 127 1280 11 55 155 100 80 3.5 6.3 F3SG- @RE1360@14 135 1360 11 55 155 105 85 3.7 6.6 F3SG- @RE1440@14 143 1440 11 55 155 110 85 3.9 6.9 F3SG- @RE1520@14 151 1520 13 65 165 100 90 4.1 7.2 F3SG- @RE1600@14 159 1600 13 65 165 105 90 4.4 7.5 F3SG- @RE1680@14 167 1680 13 65 165 110 95 4.6 7.9 F3SG- @RE1760@14 175 1760 13 65 165 115 95 4.8 8.2 F3SG- @RE1840@14 183 1840 13 65 165 115 95 5.0 8.5 F3SG- @RE1920@14 191 1920 15 75 175 110 100 5.2 8.8 F3SG- @RE2000@14 199 2000 15 75 175 115 100 5.4 9.1 F3SG- @RE2080@14 207 2080 15 75 175 115 105 5.6 9.4 Model Number of Beams Protective Height [mm] Response Time [ms] *1 Current Consumption [mA] Weight [kg] ON →OFF OFF (Synchronized) →ON OFF (Not synchronized) →ON Emitter Receiver Net *2 Gross *3 F3SG- @RE0190@30 8 190 5 25 125 40 50 0.6 2.0 F3SG- @RE0270@30 12 270 5 25 125 45 50 0.8 2.3 F3SG- @RE0350@30 16 350 5 25 125 50 50 1.0 2.6 F3SG- @RE0430@30 20 430 5 25 125 55 55 1.2 2.9 F3SG- @RE0510@30 24 510 5 25 125 60 55 1.4 3.2 F3SG- @RE0590@30 28 590 7 35 135 50 55 1.6 3.5 F3SG- @RE0670@30 32 670 7 35 135 55 55 1.8 3.8 F3SG- @RE0750@30 36 750 7 35 135 60 60 2.0 4.1 F3SG- @RE0830@30 40 830 7 35 135 65 60 2.2 4.4 F3SG- @RE0910@30 44 910 7 35 135 65 60 2.4 4.7 F3SG- @RE0990@30 48 990 7 35 135 70 60 2.6 5.0 F3SG- @RE1070@30 52 1070 7 35 135 75 60 2.8 5.3 F3SG- @RE1150@30 56 1150 7 35 135 80 65 3.0 5.6 F3SG- @RE1230@30 60 1230 7 35 135 85 65 3.3 5.9 F3SG- @RE1310@30 64 1310 7 35 135 85 65 3.5 6.2 F3SG- @RE1390@30 68 1390 9 45 145 75 65 3.7 6.5 F3SG- @RE1470@30 72 1470 9 45 145 80 65 3.9 6.8 F3SG- @RE1550@30 76 1550 9 45 145 80 70 4.1 7.1 F3SG- @RE1630@30 80 1630 9 45 145 85 70 4.3 7.4 F3SG- @RE1710@30 84 1710 9 45 145 85 70 4.5 7.7 F3SG- @RE1790@30 88 1790 9 45 145 90 70 4.7 8.0 F3SG- @RE1870@30 92 1870 9 45 145 95 75 4.9 8.3 F3SG- @RE1950@30 96 1950 9 45 145 95 75 5.1 8.6 F3SG- @RE2030@30 100 2030 9 45 145 100 75 5.3 8.9 F3SG- @RE2110@30 104 2110 9 45 145 100 75 5.5 9.2 F3SG- @RE2190@30 108 2190 11 55 155 90 75 5.7 9.5 F3SG- @RE2270@30 112 2270 11 55 155 95 80 5.9 9.8 F3SG- @RE2350@30 116 2350 11 55 155 95 80 6.1 10.1 F3SG- @RE2430@30 120 2430 11 55 155 95 80 6.3 10.4 F3SG- @RE2510@30 124 2510 11 55 155 100 80 6.5 10.7 |