công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

XS3F-M08PVC3A2M bảng dữ liệu(PDF) 3 Page - Omron Electronics LLC

tên linh kiện XS3F-M08PVC3A2M
Giải thích chi tiết về linh kiện  Miniature photoelectric sensors in cylindrical M8 and M12 housing
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XS3F-M08PVC3A2M bảng dữ liệu(HTML) 3 Page - Omron Electronics LLC

  XS3F-M08PVC3A2M Datasheet HTML 1Page - Omron Electronics LLC XS3F-M08PVC3A2M Datasheet HTML 2Page - Omron Electronics LLC XS3F-M08PVC3A2M Datasheet HTML 3Page - Omron Electronics LLC XS3F-M08PVC3A2M Datasheet HTML 4Page - Omron Electronics LLC XS3F-M08PVC3A2M Datasheet HTML 5Page - Omron Electronics LLC XS3F-M08PVC3A2M Datasheet HTML 6Page - Omron Electronics LLC XS3F-M08PVC3A2M Datasheet HTML 7Page - Omron Electronics LLC XS3F-M08PVC3A2M Datasheet HTML 8Page - Omron Electronics LLC XS3F-M08PVC3A2M Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
E3H2
Specifications
Item
Through-beam
Retro-reflective with
M.S.R.
Diffuse-reflective
E3H2-T4
E3H2-T2
E3H2-R
E3H2-DS30
E3H2-DS10
Sensing distance
4 m (adjustable)
2 m
2 m (teachable)
(when using E39-
R1S)
300 mm
(teachable)
100 mm (fixed)
Differential travel
20% max of sensing
distance
10% max of sensing distance
Light source
(wave length)
Infrared LED (880 nm)
Red LED (660 nm)
Infrared LED (880 nm)
Power supply
voltage
10 to 30 VDC, 10% ripple
Current consumption 45 mA max
Control output
Load current: 100 mA max. (residual voltage 2 V max.);
E3H2-_C_: NPN
E3H2-_B_: PNP
Light-on/dark-on
selectable by wire
E3H2-T2_2_: dark
on
E3H2-T2_1_: light
on
Light-on/dark-on selectable by wire
Protective circuits
Power supply reverse polarity protection, output short circuit protection
Response time
Operation or reset:
2.5 ms max
Operation or reset:
1 ms max.
Operation or reset: 1.1 ms max
Sensitivity
adjustment
Potentiometer
adjuster
–Teach-in
–
Ambient illumination
Incandescent lamp: 3000 lx max.; Sunlight: 5000 lx max.
Ambient temperature Operating:
-25 to +55°C
Operating:
-25 to +50°C
Operating: -25 to +55°C
Degree of protection
EN 60529: IP67
Indicators
Emitter: Power supply indicator: yellow
Receiver: Operation indicator: yellow
Output indicator: yellow
Weight
pre-wired
connector
approx 110 g
approx 40 g
approx 90 g
approx 30 g
approx 55 g
approx 20 g
Material
case
lens
nickel-plated brass
plastic
stainless steel
plastic
nickel-plated brass
plastic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com