| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
E5CD-RX2D6M-001 bảng dữ liệu(PDF) 15 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E5CD-RX2D6M-001 bảng dữ liệu(HTML) 15 Page - Omron Electronics LLC |
|
15 / 56 page ![]() E5CD/E5CD-B 15 Accessories (Order Separately) (2110) 250 263 1510 LED (SD) LED (PWR) LED (RD) USB connector (type A plug) Serial connector USB-Serial Conversion Cable E58-CIFQ2 48 48.8 22 9.1 Terminal Covers (Cannot be used on a Push-In Plus terminal block type) E53-COV17 10 44.8 2 3.8 Terminal Cover (E53-COV23) Terminal Covers (Cannot be used on a Push-In Plus terminal block type) E53-COV23 (Three Covers provided.) The Terminal Covers are provided with the Digital Temperature Controller. Order the Terminal Cover separately if it becomes lost or damaged. Waterproof Packing Y92S-P8 (for DIN 48 × 48) The Waterproof Packing is provided with the Digital Temperature Controller. Order the Waterproof Packing separately if it becomes lost or damaged. The Waterproof Packing can be used to achieve an IP66 degree of protection. (Deterioration, shrinking, or hardening of the waterproof packing may occur depending on the operating environment. Therefore, periodic replacement is recommended to ensure the level of waterproofing specified in IP66. The time for periodic replacement depends on the operating environment. Be sure to confirm this point at your site. Consider three years as rough standard.) |