| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
E39-R3 bảng dữ liệu(PDF) 6 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E39-R3 bảng dữ liệu(HTML) 6 Page - Omron Electronics LLC |
|
6 / 11 page ![]() E3S-C 6 Nomenclature Horizontal Model Vertical Model Note: The sensitivity adjuster on Through-beam and Retro-reflective Models is different. *1. Use the output selector to select the type of output transistor, NPN or PNP. *2. Use the operation selector to select the operation mode. Min Max SL PNP SENS D·ON NPN L·ON E3S-CD12 Stability indicator (green) Light indicator (red) Operation panel cover Sensitivity adjuster Operation selector *2 Model number Output selector *1 PNP NPN D ON L ON SENS SL Max Min Operation panel cover Stability indicator (green) Light indicator (red) Sensitivity adjuster Operation selector *2 Output selector *1 |