| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
405C11HM bảng dữ liệu(PDF) 2 Page - CTS Corporation |
|
|
|||||||||||||||||||||||||||||
405C11HM bảng dữ liệu(HTML) 2 Page - CTS Corporation |
|
2 / 3 page ![]() Document No. 008-0253-0 Page 2 - 3 Rev. F ٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠ Model 405 5.0x3.2mm Low Cost Surface Mount Crystal ELECTRICAL CHARACTERISTICS PARAMETER VALUE Operating Mode Fundamental Crystal Cut AT-Cut Frequency Range 12.0 MHz to 50.0 MHz ± 30 ppm Standard (± 10 ppm and ± 20 ppm Available) Frequency Stability Tolerance ± 50 ppm Standard (Operating Temperature Range, Referenced to 25°C Reading) (± 10 ppm, ± 20 ppm, ± 30 ppm and ± 40 ppm Available) -20°C to +70°C Standard (-40°C to +85°C Available) Storage Temperature Range -55°C to +125°C Equivalent Series Resistance See ESR Table Load Capacitance or Resonance Mode See Ordering Information 7.0 pF Maximum (3.0 pF Typical) Drive Level 25 µW Typical, 100 µW Maximum Reflow Condition, per JEDEC J-STD-020 +255°C ± 5°C, 10 Seconds Maximum Frequency Tolerance @ 25°C Operating Temperature Range Shunt Capacitance (C0) EQUIVALENT SERIES RESISTANCE TABLE FREQUENCY RANGE MODE of OSCILLATION ESR Maximum 12.00 MHz - 50.00 MHz Fundamental 50 Ohms MECHANICAL SPECIFICATIONS PACKAGE DRAWING MARKING INFORMATION #1 #4 #3 #2 Inch ( MM ) Key: 0.126 ±0.006 ( 3.20 ±0.15 ) 0.041 0.197 ±0.008 ( 5.00 ±0.2 ) MAX ( 1.05 ) ( 2.60 ) 0.102 0.047 ( 1.2 ) 0.035 ( 0.9 ) 3 4 12 Top View Bottom View #2 0.055 ( 1.40 ) Notes: 1. Termination pads (e4), barrier-plating is nickel (Ni) with gold (Au) flash plate. 2. Terminations #2, #4 and the metal lid are connected internally. End user may connect these pins to circuit ground. 1. XX.XXX – Frequency marked with 3 significant digits after the decimal. 2. C – CTS and Pin 1 identifier. 3. ** - Manufacturing Site Code. 4. YWW – Date Code, Y – Last Digit of Year, WW – Week. 5. Complete CTS part number, frequency value and date code information must appear on reel and box labels. XX.XXX C**YWW SUGGESTED SOLDER PAD GEOMETRY 0.146 [3.70] 0.087 [2.20] 0.047 [1.20] Key: [mm] Inch 0.035 [0.90] 12 3 4 |