công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

E2E bảng dữ liệu(PDF) 13 Page - Omron Electronics LLC

tên linh kiện E2E
Giải thích chi tiết về linh kiện  Cylindrical Proximity Sensor
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2E bảng dữ liệu(HTML) 13 Page - Omron Electronics LLC

Back Button E2E Datasheet HTML 9Page - Omron Electronics LLC E2E Datasheet HTML 10Page - Omron Electronics LLC E2E Datasheet HTML 11Page - Omron Electronics LLC E2E Datasheet HTML 12Page - Omron Electronics LLC E2E Datasheet HTML 13Page - Omron Electronics LLC E2E Datasheet HTML 14Page - Omron Electronics LLC E2E Datasheet HTML 15Page - Omron Electronics LLC E2E Datasheet HTML 16Page - Omron Electronics LLC E2E Datasheet HTML 17Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
E2E/E2E2
E2E/E2E2
13
E2E2
E2E2-X
jDj DC 2-wire Models
Item
E2E2-X3D
j
E2E2-X8MD
j
E2E2-X7D
j
E2E2-X14MD
j
E2E2-X10D
j
E2E2-X20MD
j
Size
M12
M18
M30
Type
Shielded
Unshielded
Shielded
Unshielded
Shielded
Unshielded
Sensing distance
3 mm
±10%
8 mm
±10%
7 mm
±10%
14 mm
±10%
10 mm
±10%
20 mm
±10%
Supply voltage
(operating voltage
range)
12 to 24 VDC, ripple (p-p): 10% max., (10 to 30 VDC)
Leakage current
0.8 mA max.
Sensing object
Ferrous metal (refer to
Engineering Data for non-ferrous metal)
Setting distance
0 to 2.4 mm
0 to 6.4 mm
0 to 5.6 mm
0 to 11.2 mm
0 to 8.0 mm
0 to 16.0 mm
Standard object
(mild steel)
12 x 12 x 1 mm
30 x 30 x 1 mm
18 x 18 x 1 mm
30 x 30 x 1 mm
30 x 30 x 1 mm
54 x 54 x 1 mm
Differential travel
10% max. of sensing distance
Response frequency
1.0 kHz
0.8 kHz
0.5 kHz
0.4 kHz
0.4 kHz
0.1 kHz
Operation (with
sensing object
approaching)
D1 models:
Load ON
D2 models:
Load OFF
Control output
(switching capacity)
3 to 100 mA
Circuit protection
Surge absorber, load short-circuit protection
Indicator
D1 models:
Operation indicator (red LED), operation set indicator (green LED)
D2 models:
Operation indicator (red LED)
Ambient temperature
Operating: –25
°C to 70°C (with no icing)
Ambient humidity
Operating: 35% to 95%
Temperature influence
±10% max. of sensing distance at 23°C in temperature range of –25°C to 70°C
Voltage influence
±1% max. of sensing distance in rated voltage range ±15%
Residual voltage
3.0 V max. (under load current of 100 mA with cable length of 2 m)
Insulation resistance
50 M
Ω min. (at 500 VDC) between current carry parts and case
Dielectric strength
1,000 VAC for 1 min between current carry parts and case
Vibration resistance
Destruction: 10 to 55 Hz, 1.5-mm double amplitude for 10 times each in X, Y, and Z directions
Shock resistance
Destruction: 1,000 m/s2 for 10 times each in X, Y, and Z directions
Degree of protection
IEC60529 IP67
Weight
65 g
150 g
220 g
Material
Case
Brass
Sensing
surface
PBT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48