| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TSV321AID/IDT bảng dữ liệu(PDF) 7 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TSV321AID/IDT bảng dữ liệu(HTML) 7 Page - Texas Instruments |
|
7 / 17 page ![]() TSV321-TSV358-TSV324 Electrical characteristics 7/17 Figure 7. Open loop gain vs. temperature at VCC =3V Figure 8. High level output voltage vs. temperature -40 -20 0 20 406080 100 120 140 Temperature (°C) 70 80 90 100 110 Vcc = 3V Vicm = 1.5V RL = 600 Ohms RL = 2 kOhms -40 -20 0 20 406080 100 120 140 Temperature (°C) 70 80 90 100 110 Vcc = 3V Vicm = 1.5V RL = 600 Ohms RL = 2 kOhms -40-20 0 20 40 60 80100 120 140 Temperature (°C) 40 50 60 70 80 90 100 110 Vcc = 3V Vcc = 5V RL = 600 ohms -40-20 0 20 40 60 80100 120 140 Temperature (°C) 40 50 60 70 80 90 100 110 Vcc = 3V Vcc = 5V RL = 600 ohms Figure 9. Low level output voltage vs. temperature Figure 10. Output current vs. temperature at VCC =5V -40-20 0 20 40 60 80100 120 140 Temperature (°C) 40 50 60 70 80 90 100 110 Vcc = 3V Vcc = 5V RL = 600 ohms -40-20 0 20 40 60 80100 120 140 Temperature (°C) 40 50 60 70 80 90 100 110 Vcc = 3V Vcc = 5V RL = 600 ohms -40 -20 0 2040 6080 100 120 140 Temperature (°C) -100 -50 0 50 100 Isink Vcc = 5V Vid = 1V Isource -40 -20 0 2040 6080 100 120 140 Temperature (°C) -100 -50 0 50 100 Isink Vcc = 5V Vid = 1V Isource Figure 11. Output current vs. temperature at VCC =3V Figure 12. Output current vs. output voltage at VCC =5V -40 -20 0 20 40 60 80 100 120 140 Temperature (°C) -100 -50 0 50 100 Isink Vcc = 3V Vid = 1V Isource -40 -20 0 20 40 60 80 100 120 140 Temperature (°C) -100 -50 0 50 100 Isink Vcc = 3V Vid = 1V Isource 0.0 1.0 2.0 3.0 4.0 5.0 Output Voltage (V) -100 -50 0 50 100 sink Vcc = 5V Vid = 0.1V Vicm = 2.5V source T = 25 °C T = -40 °C T = 125 °C T = 125 °C T = -40 °C T = 25 °C 0.0 1.0 2.0 3.0 4.0 5.0 Output Voltage (V) -100 -50 0 50 100 sink Vcc = 5V Vid = 0.1V Vicm = 2.5V source T = 25 °C T = -40 °C T = 125 °C T = 125 °C T = -40 °C T = 25 °C |