công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

WM8951L bảng dữ liệu(PDF) 6 Page - Wolfson Microelectronics plc

tên linh kiện WM8951L
Giải thích chi tiết về linh kiện  Stereo ADC with Microphone Input and Clock Generator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WOLFSON [Wolfson Microelectronics plc]
Trang chủ  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8951L bảng dữ liệu(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM8951L_07 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8951L_07 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8951L_07 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8951L_07 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8951L_07 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8951L_07 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8951L_07 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8951L_07 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8951L_07 Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
WM8951L
Production Data
w
PD Rev 4.1 December 2007
6
ELECTRICAL CHARACTERISTICS
Test Conditions
AVDD1, AVDD2, DBVDD = 3.3V, AGND1, AGND2 = 0V, DCVDD = 1.5V, DGND = 0V, TA = +25
oC, Slave Mode, fs = 48kHz,
XTI/MCLK = 256fs unless otherwise stated.
PARAMETER
SYMBOL
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
Digital Logic Levels (CMOS Levels)
Input LOW level
VIL
0.3 x DBVDD
V
Input HIGH level
VIH
0.7 x DBVDD
V
Output LOW
VOL
0.10 x
DBVDD
V
Output HIGH
VOH
0.9 x DBVDD
V
Power On Reset Threshold (DCVDD)
DCVDD Threshold On -> Off
Vth
0.9
V
Hysteresis
VIH
0.3
V
DCVDD Threshold Off -> On
VOL
0.6
V
Analogue Reference Levels
Reference voltage (VMID)
VVMID
0.5xAVDD
V
Potential divider resistance
RVMID
50k
Line Input to ADC
Input Signal Level (0dB)
VINLINE
1.0
AVDD/3.3
Vrms
AVDD1/2= DBVDD=1.8V
DCVDD=1.5V
A-weighted, 0dB gain
@ fs = 48kHz
75
85
AVDD1/2= DBVDD=1.8V
DCVDD=1.5V
A-weighted, 0dB gain
@ fs = 96kHz
85
Signal to Noise Ratio
(Note 1,3)
Dynamic Range (Note 3)
SNR
DR
AVDD1/2= DBVDD=1.8V
DCVDD=1.5V
A-weighted, -60dB full
scale input
80
88
dB
dB
Total Harmonic Distortion
THD
AVDD1/2= DBVDD=1.8V
DCVDD=1.5V
-1dB input, 0dB gain
-76
-60
dB
Signal to Noise Ratio
(Note 1,3)
SNR
AVDD1/2= DBVDD=1.8V
DCVDD=1.5V
A-weighted, 0dB gain
@ fs = 48kHz
75
85
dB
1kHz, 100mVpp
50
Power Supply Rejection Ratio
PSRR
20Hz to 20kHz,
100mVpp
45
dB
ADC channel separation
1kHz input
90
dB
Programmable Gain
1kHz input
Rsource < 50
-34.5
0
+12
dB
Programmable Gain Step Size
Guaranteed Monotonic
1.5
dB
Mute attenuation
0dB, 1kHz input
80
dB
0dB gain
20k
30k
Input Resistance
RINLINE
12dB gain
10k
15k
Input Capacitance
CINLINE
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com