| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
74F563PCQB bảng dữ liệu(PDF) 2 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
74F563PCQB bảng dữ liệu(HTML) 2 Page - National Semiconductor (TI) |
|
2 / 8 page ![]() Connection Diagrams Pin Assignment for DIP SOIC and Flatpak TLF9562 – 1 Pin Assignment for LCC TLF9562 – 2 Functional Description The ’F563 contains eight D-type latches with TRI-STATE output buffers When the Latch Enable (LE) input is HIGH data on the Dn inputs enters the latches In this condition the latches are transparent ie a latch output will change state each time its D input changes When LE is LOW the latches store the information that was present on the D in- puts a setup time preceding the HIGH-to-LOW transition of LE The TRI-STATE buffers are controlled by the Output Enable (OE) input When OE is LOW the buffers are in the bi-state mode When OE is HIGH the buffers are in the high impedance mode but this does not interfere with entering new data into the latches Function Table Inputs Internal Output Function OE LE D Q O H X X X Z High Z H H L H Z High Z H H H L Z High Z H L X NC Z Latched L H L H H Transparent L H H L L Transparent L L X NC NC Latched H e HIGH Voltage Level L e LOW Voltage Level X e Immaterial Z e High Impedance NC e No Change Logic Diagram TLF9562 – 4 Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays 2 |