công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

3RW443. bảng dữ liệu(PDF) 18 Page - Siemens Semiconductor Group

tên linh kiện 3RW443.
Giải thích chi tiết về linh kiện  Dynamics Reinterpreted
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SIEMENS [Siemens Semiconductor Group]
Trang chủ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

3RW443. bảng dữ liệu(HTML) 18 Page - Siemens Semiconductor Group

Back Button 3RW443. Datasheet HTML 14Page - Siemens Semiconductor Group 3RW443. Datasheet HTML 15Page - Siemens Semiconductor Group 3RW443. Datasheet HTML 16Page - Siemens Semiconductor Group 3RW443. Datasheet HTML 17Page - Siemens Semiconductor Group 3RW443. Datasheet HTML 18Page - Siemens Semiconductor Group 3RW443. Datasheet HTML 19Page - Siemens Semiconductor Group 3RW443. Datasheet HTML 20Page - Siemens Semiconductor Group 3RW443. Datasheet HTML 21Page - Siemens Semiconductor Group 3RW443. Datasheet HTML 22Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
SIRIUS Soft Starters in Practical Use
Application Examples
Roller conveyors are, for example,
employed in parcel distribution systems
for transporting parcels to and from
individual work stations. For this purpose,
the direction of rotation of the used 11 kW
motor has to be adjustable in order to
realize both conveyance directions.
Roller conveyors pose high
requirements:
The roller conveyor has to start
smoothly to prevent damage to the
transported goods due to slipping
or tilting.
The machine’s wear and maintenance
intervals should be minimized, which
is why slippage of the belt drive during
start-up must be prevented.
The current load upon motor start-up
is to be reduced by means of a voltage
ramp.
The feeder assembly should be as
small as possible so as to not exceed
the control cabinet’s space capacity.
■
■
■
■
Optimum performance with
SIRIUS 3RW30:
The roller conveyor is rapidly
accelerated to the nominal speed
without torque surges thanks to
optimum setting of the voltage ramp
during start-up.
The motor’s starting current is reduced.
Reversing operation of the conveyor
belt is realized through contactor
interconnection with SIRIUS 3RA13
reversing contactor combinations.
Feeder and motor protection are
realized with SIRIUS 3RV circuit
breakers.
The use of SIRIUS system components
guarantees maximum wiring
reductions and space savings.
■
■
■
■
■
In addition to many further application
areas, the SIRIUS 3RW40 is optimally
suited for the soft start and stop of
hydraulic pumps. With a rating of 200 kW,
these soft starters are for example used
in the production of sheet parts, to drive
the respective presses.
Hydraulic pumps require sensitive
drives:
The motor’s starting current has to
be reduced to minimize the load of the
superior mains transformer during
start-up.
Normally, integrated motor protection
is called for to reduce wiring
expenditures and space requirements
in the control box.
The hydraulic pump is to be started
and stopped in a soft manner, to
minimize the mechanical load on the
drive and the pump caused by the
torque surge during starting and
stopping.
■
■
■
SIRIUS 3RW30 – for soft reversing
operation of roller conveyors
SIRIUS 3RW40 – for soft starting
of hydraulic pumps
18
© Siemens AG 2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com