công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

3RW3003 bảng dữ liệu(PDF) 20 Page - Siemens Semiconductor Group

tên linh kiện 3RW3003
Giải thích chi tiết về linh kiện  Dynamics Reinterpreted
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SIEMENS [Siemens Semiconductor Group]
Trang chủ  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

3RW3003 bảng dữ liệu(HTML) 20 Page - Siemens Semiconductor Group

Back Button 3RW3003 Datasheet HTML 16Page - Siemens Semiconductor Group 3RW3003 Datasheet HTML 17Page - Siemens Semiconductor Group 3RW3003 Datasheet HTML 18Page - Siemens Semiconductor Group 3RW3003 Datasheet HTML 19Page - Siemens Semiconductor Group 3RW3003 Datasheet HTML 20Page - Siemens Semiconductor Group 3RW3003 Datasheet HTML 21Page - Siemens Semiconductor Group 3RW3003 Datasheet HTML 22Page - Siemens Semiconductor Group 3RW3003 Datasheet HTML 23Page - Siemens Semiconductor Group 3RW3003 Datasheet HTML 24Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
quip nialet erxit
Overview of SIRIUS Soft Starters
Technical Data
Overview of SIRIUS soft starters
Standard applications
High-feature
applications
SIRIUS 3RW30
SIRIUS 3RW40
SIRIUS 3RW44
Rated current at 40 °C
A
3.6 ... 106
12.5 ... 432
29 ... 1214
Rated voltage
V
200 ... 480
200 ... 600
200 ... 690
Motor power with 400 V (standard circuit)
kW
1.1 ... 55
5.5 ... 250
15 ... 710
Motor power with 400 V (inside-delta circuit)
kW
–
–
22 ... 1214
Ambient temperature (operation)
°C
–25 ... 60
–25 ... 60
0 ... 60
Soft start / stop
x1)
xx
Voltage ramp
x
xx
Starting / stopping voltage
%
40 ... 100
40 ... 100
20 ... 100
Ramp-up and ramp-down time
s
0 ... 201)
0 ... 20
1 ... 360
Torque control
––
x
Starting / stopping torque
%–
–
20 ... 100
Torque limiting
%–
–
20 ... 100
Ramp time
s–
–
1 ... 360
Integrated bypass contact system
x
xx
Intrinsic device protection
–x
x
Motor overload protection
–x
x
Thermistor motor protection
–
x2)
x
Integrated remote reset
–
x3)
x
Settable current limiting
––
x
Inside-delta circuit
––
x
Breakaway torque
––
x
Creep speed in both directions of rotation
––
x
Pump stop
––
x4)
DC braking
––
x4) 5)
Combined braking
––
x4) 5)
Motor heating
––
x
Communication
––
with PROFIBUS DP (option)
External display and operator module
––
(option)
Status measured value display
––
x
Error log
––
x
Event list
––
x
Non-return pointer function
––
x
Trace function
––
x6)
Programmable control inputs and outputs
––
x
Number of parameter sets
1
1
3
Parameterization software (Soft Starter ES)
––
x
Power semiconductors (thyristors)
2 controlled phases
2 controlled phases
3 controlled phases
Screw-type terminals
xx
x
Spring-loaded terminals
x
xx
UL/CSA
x
xx
CE mark
xx
x
Soft starting and heavy-duty starting conditions
––
x4)
Configuration support
Win-Soft Starter, electronic selection slide,
Technical Assistance +49 911 895 5900
1) 3RW30 only soft start
2) Optionally up to size S3 (device version)
3) With 3RW40 2. up to 3RW40 4.;
with 3RW40 5. and 3RW40 7. optional
4) Overdimensioning of soft starter and motor
if required
5) Not possible with inside-delta circuit
6) Trace function with Soft Starter ES software
X = Function available
– = Function not available
20
© Siemens AG 2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com