| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HT46C46 bảng dữ liệu(PDF) 32 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT46C46 bảng dữ liệu(HTML) 32 Page - Holtek Semiconductor Inc |
|
32 / 77 page ![]() HT46R46/C46/R47/C47/R48A/C48A/R49 Rev. 1.30 32 June 5, 2008 Example: using an interrupt method to detect the end of conversion for the HT46R46 clr EADI ; disable ADC interrupt mov a,00000001B mov ACSR,a ; setup the ACSR register to select fSYS/8 as ; the A/D clock mov a,00100000B ; setup ADCR register to configure Port PB0~PB3 ; as A/D inputs mov ADCR,a ; and select AN0 to be connected to the A/D ; converter : ; As the Port B channel bits have changed the ; following START ; signal (0-1-0) must be issued within 10 ; instruction cycles : Start_conversion: clr START set START ; reset A/D clr START ; start A/D clr ADF ; clear ADC interrupt request flag set EADI ; enable ADC interrupt set EMI ; enable global interrupt : : : ; ADC interrupt service routine ADC_ISR: mov acc_stack,a ; save ACC to user defined memory mov a,STATUS mov status_stack,a ; save STATUS to user defined memory : : mov a,ADR ; read conversion result value from the ADR ; register mov adr_buffer,a ; save result to user defined register : : EXIT_INT_ISR: mov a,status_stack mov STATUS,a ; restore STATUS from user defined memory mov a,acc_stack ; restore ACC from user defined memory reti |