công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT46R46 bảng dữ liệu(PDF) 26 Page - Holtek Semiconductor Inc

tên linh kiện HT46R46
Giải thích chi tiết về linh kiện  Cost-Effective A/D Type 8-Bit MCU
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R46 bảng dữ liệu(HTML) 26 Page - Holtek Semiconductor Inc

Back Button HT46R46_08 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 25Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 26Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 27Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 28Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 29Page - Holtek Semiconductor Inc HT46R46_08 Datasheet HTML 30Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 77 page
background image
HT46R46/C46/R47/C47/R48A/C48A/R49
Rev. 1.30
26
June 5, 2008
The following diagram illustrates the waveforms associ-
ated with the 6+2 mode of PWM operation. It is impor-
tant to note how the single PWM cycle is subdivided into
4 individual modulation cycles, numbered from 0~3 and
how the AC value is related to the PWM value.
PWM Output Control
On all devices, the PWM outputs are pin-shared with
pins PD0 and PD1. To operate as PWM outputs and not
as I/O pins, the correct PWM configuration options must
be selected. A
²0² must also be written to the corre-
sponding bits in the I/O port control register PDC to en-
sure that the required PWM output pin is setup as an
output. After these two initial steps have been carried
out, and of course after the required PWM value has
been written into the PWM register, writing a
²1² to the
corresponding bit in the PD output data register will en-
able the PWM data to appear on the pin. Writing a
²0² to
the corresponding bit in the PD output data register will
disable the PWM output function and force the output
low. In this way, the Port D data output register can be
used as an on/off control for the PWM function. Note
that if the configuration options have selected the PWM
function, but a
²1² has been written to its corresponding
bit in the PDC control register to configure the pin as an
input, then the pin can still function as a normal input
line, with pull-high resistor options.
PWM Programming Example
The following sample program shows how the PWM outputs are setup and controlled. Before use the corresponding
PWM output configuration options must first be selected.
mov a,64h
; setup PWM value of 100 decimal which is 64H
mov pwm,a
clr pdc.0
; setup pin PD0 as an output
set pd.0
; PD.0=1; enable the PWM output
::
::
clr pd.0
; disable the PWM output
- PD0 will remain low
f S Y S / 2
P W M
[ P W M ] = 1 0 0
[ P W M ] = 1 0 1
P W M
[ P W M ] = 1 0 2
P W M
[ P W M ] = 1 0 3
P W M
P W M c y c l e : 2 5 6 / f S Y S
2 5 / 6 4
2 6 / 6 4
2 6 / 6 4
2 6 / 6 4
2 5 / 6 4
2 5 / 6 4
2 5 / 6 4
2 5 / 6 4
2 5 / 6 4
2 5 / 6 4
2 5 / 6 4
2 6 / 6 4
2 6 / 6 4
2 5 / 6 4
2 5 / 6 4
2 6 / 6 4
2 5 / 6 4
2 6 / 6 4
2 6 / 6 4
2 6 / 6 4
M o d u l a t i o n c y c l e 0
P W M m o d u l a t i o n p e r i o d : 6 4 / f S Y S
M o d u l a t i o n c y c l e 1
M o d u l a t i o n c y c l e 2
M o d u l a t i o n c y c l e 3
M o d u l a t i o n c y c l e 0
6+2 PWM Mode
P W M , P W M 0 , P W M 1 R e g i s t e r
b 7
b 0
A C v a l u e
D C v a l u e
Pulse Width Modulation Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com