| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ISO6042HDFPR bảng dữ liệu(PDF) 28 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ISO6042HDFPR bảng dữ liệu(HTML) 28 Page - Texas Instruments |
|
28 / 56 page ![]() 7 Parameter Measurement Information INx OUTx VO VI VOL(OUTx) VOH(OUTx) VCCI 0V tr 50 Input Generator (See Note A) VI VO tf tPLH tPHL 50% 50% 50% 50% 90% 10% CL See Note B A. The input pulse is supplied by a generator having the following characteristics: PRR ≤ 50kHz, 50% duty cycle, tr ≤ 1ns, tf ≤ 1ns, ZO = 50Ω. At the input, 50Ω resistor is required to terminate INx (input) generator signal. The 50Ω resistor is not needed in the actual application. B. CL = 15pF and includes instrumentation and fixture capacitance within ±20%. Figure 7-1. Switching Characteristics Test Circuit and Voltage Waveforms VI VCC INx OUTx VO IN = 0V (Devices without suffix F) IN = VCC (Devices with suffix F) VO VI VOL(OUTx) VOH(OUTx) VCC 0V VCC_UVLO-(MIN) 50% tDO default high default low See Note B CL See Note A A. CL = 15pF and includes instrumentation and fixture capacitance within ±20%. B. Power Supply Ramp Rate = 10mV/ns Figure 7-2. Default Output Delay Time Test Circuit and Voltage Waveforms INx OUTx VCCO GNDI + – VCM + – VOH(OUTx) or VOL(OUTx) VCCI Pass-fail criteria: The output must remain stable. C = 0.1µF ±1% C = 0.1µF ±1% S1 GNDO A. CL = 15pF and includes instrumentation and fixture capacitance within ±20%. B. ENx = VCC, channels are enabled during CMTI test. Figure 7-3. Common-Mode Transient Immunity Test Circuit ISO6040, ISO6041, ISO6042 SLLSFV3B – DECEMBER 2025 – REVISED AUGUST 2026 www.ti.com 28 Submit Document Feedback Copyright © 2026 Texas Instruments Incorporated Product Folder Links: ISO6040 ISO6041 ISO6042 |