công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

403I13DM bảng dữ liệu(PDF) 1 Page - CTS Corporation

tên linh kiện 403I13DM
Giải thích chi tiết về linh kiện  Surface Mount Quartz Crystal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CTS [CTS Corporation]
Trang chủ  http://www.ctscorp.com
Logo CTS - CTS Corporation

403I13DM bảng dữ liệu(HTML) 1 Page - CTS Corporation

  403I13DM Datasheet HTML 1Page - CTS Corporation 403I13DM Datasheet HTML 2Page - CTS Corporation 403I13DM Datasheet HTML 3Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document No. 008-0288-0
Page 1 - 3
Rev. F
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠
٠ ٠ ٠ www.ctscorp.com ٠ ٠ ٠
Model 403
Surface Mount Quartz Crystal
FEATURES
• Standard 3.2x2.5mm Surface Mount Footprint
• Stable Frequency Over Temperature and
Drive Level
• Frequency Range 12 – 50 MHz
• Frequency Tolerance, ±30 ppm Standard
(±10 ppm, ±15 ppm and ±20 ppm available)
• Frequency Stability, ±50 ppm Standard
(±10,±15,±20,±30 and ±40 ppm available)
• Operating Temperature to –40°C to +85°C
• Tape & Reel Packaging, EIA-481-2 Compliant
• RoHS/Green Compliant (6/6)
ORDERING INFORMATION
Example Part Numbers:
403C35A14M31818
403I35A32M00000
C = -20°C to +70°C (standard)
I = -40°C to +85°C
FREQUENCY TOLERANCE @ 25°C
1 = ± 10 ppm
X = ± 15 ppm
2 = ± 20 ppm
3 = ± 30 ppm (standard)
1 = ± 10 ppm **
X = ± 15 ppm
2 = ± 20 ppm
OPERATING TEMPERATURE RANGE
403
M
M - indicates MHz and decimal point.
Frequency is recorded with minimum 5
significant digits to the right of the "M".
FREQUENCY IN MHz
A = 10 pF
B = 13 pF
C = 16 pF
D = 18 pF
E = 20 pF
F = 24 pF
G = 30 pF
H = 32 pF
J = 9 pF
K = 8 pF
L = 12 pF
S = Series
LOAD CAPACITANCE
Use form C052 to detail non-standard parameters.
Not all performance combinations and frequencies may be available.
Contact your local CTS Representative or CTS Customer Service for availability.
STABILITY TOLERANCE
Over Operating Temperature Range
(Referenced to 25°C Reading)
3 = ± 30 ppm
4 = ± 40 ppm
5 = ± 50 ppm (standard)
** Limited to Standard Operating Temperature Range Only;
Code C.
DESCRIPTION
The Model 403 is a ceramic packaged Crystal
offering reduced size, ideal for high-density
circuit board applications. The Model 403 offers
reliable precision and excellent shock
performance in wireless telecommunication
devices.


Số phần tương tự - 403I13DM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Marathon Special Produc...
403 MARATHON-403 Datasheet
597Kb / 3P
Replace “XX” with 01 through 12 for number of poles 11/16 (.688) pitch
logo
Ashcroft, Inc.
403 ASHCROFT-403 Datasheet
1Mb / 4P
402/403 All-Welded Flanged Diaphragm Seal
RevB_04-21-22
logo
Keystone Electronics Co...
403 KEYSTONE-403 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
Walther-Werke
403 WALTHER-403 Datasheet
437Kb / 4P
Channel installation sockets IP 44
logo
Dremel
403 DREMEL-403 Datasheet
36Kb / 1P
Bristle Brush 19 mm (403)
More results

Mô tả tương tự - 403I13DM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
JXE75 ETC1-JXE75 Datasheet
63Kb / 2P
Surface Mount Quartz Crystal
logo
CTS Corporation
405 CTS-405 Datasheet
135Kb / 3P
Surface Mount Quartz Crystal
ATP-SM CTS-ATP-SM_06 Datasheet
118Kb / 4P
Surface Mount Quartz Crystal
407 CTS-407 Datasheet
155Kb / 3P
Surface Mount Quartz Crystal
425 CTS-425 Datasheet
136Kb / 3P
Surface Mount Quartz Crystal
445W21AXXMXXXXX CTS-445W21AXXMXXXXX Datasheet
108Kb / 2P
Surface Mount Quartz Crystal
405C11A19M20000 CTS-405C11A19M20000 Datasheet
125Kb / 3P
Surface Mount Quartz Crystal
405C35D48M00000 CTS-405C35D48M00000 Datasheet
125Kb / 3P
Surface Mount Quartz Crystal
403C35D24M00000 CTS-403C35D24M00000 Datasheet
137Kb / 3P
Surface Mount Quartz Crystal
logo
STATEK CORPORATION
CX11VSM STATEK-CX11VSM Datasheet
104Kb / 2P
Surface Mount Quartz Crystal
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com