| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PSD913F1 bảng dữ liệu(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD913F1 bảng dữ liệu(HTML) 13 Page - STMicroelectronics |
|
13 / 94 page ![]() Preliminary Information PSD9XX Family Define PSD Pin and Node Functions Merge MCU Firmware with PSD Configuration ST PSD Programmer *.OBJ File Point and click definition of PSD pin functions, internal nodes, and MCU system memory map. PSDPro or FlashLINK (JTAG) A composite object file is created containing MCU firmware and PSD configuration. Choose MCU and PSD Automatically configures MCU bus interface and other PSD attributes. C Code Generation Generate C Code specific to PSD functions. User's choice of Microcontroller Compiler/Linker *.OBJ file available for 3rd party programmers. (conventional or JTAG-ISC) MCU Firmware Hex or S-Record Format Figure 2. PSDsoft Development Tools 6.0 Development System The PSD9XX family is supported by PSDsoft Express, a Windows-based (95, 98, NT) software development tool. A PSD design is quickly and easily produced in a point and click environment. The designer does not need to enter Hardware Definition Language (HDL) equations to define PSD pin functions and memory map information. The general design flow is shown in Figure 2 below. PSDsoft Express is available free from our web site (www.psdst.com) or the Literature CD. PSDsoft Express directly supports two low cost device programmers from ST, PSDpro and FlashLINK (JTAG). Both of these programmers may be purchased through your local rep/distributor, or directly from our web site using a credit card. The PSD9XX is also supported by third party device programmers, see web site for current list. 9 |