| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PZT3904 bảng dữ liệu(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PZT3904 bảng dữ liệu(HTML) 1 Page - STMicroelectronics |
|
1 / 4 page ![]() PZT3904 SMALL SIGNAL NPN TRANSISTOR PRELIMINARY DATA s SILICON EPITAXIAL PLANAR NPN TRANSISTOR s SOT-223 PLASTIC PACKAGE FOR SURFACE MOUNTING CIRCUITS s TAPE AND REEL PACKING s THE PNP COMPLEMENTARY TYPE IS PZT3906 APPLICATIONS s WELL SUITABLE FOR SMD MOTHER BOARD ASSEMBLY s SMALL LOAD SWITCH TRANSISTOR WITH HIGH GAIN AND LOW SATURATION VOLTAGE ® INTERNAL SCHEMATIC DIAGRAM June 2002 1 2 2 3 SOT-223 Type Marking PZT3904 3904 ABSOLUTE MAXIMUM RATINGS Symbol Parameter Value Unit VCBO Collector-Base Voltage (IE = 0) 60 V VCEO Collector-Emitter Voltage (IB = 0) 40 V VEBO Emitter-Base Voltage (IC = 0) 6 V IC Collector Current 200 mA Ptot Total Dissipation at TC = 25 oC1 W Tstg Storage Temperature -65 to 150 oC Tj Max. Operating Junction Temperature 150 oC 1/4 |
Số phần tương tự - PZT3904 |
|
Mô tả tương tự - PZT3904 |