| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PSD833F2 bảng dữ liệu(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD833F2 bảng dữ liệu(HTML) 5 Page - STMicroelectronics |
|
5 / 110 page ![]() PROG. MCU BUS INTRF. ADIO PORT CNTL0, CNTL1, CNTL2 AD0 – AD15 CLKIN CLKIN PORT F CLKIN PLD INPUT BUS PROG. PORT PORT A PROG. PORT PORT B POWER MANGMT UNIT 4 MBIT MAIN FLASH MEMORY 8 SECTORS VSTDBY PA0 – PA7 PROG. PORT PORT F PROG. PORT PORT G PROG. PORT PORT E PB0 – PB7 PROG. PORT PORT C PROG. PORT PORT D PF0 – PF7 PG0 – PG7 PE0 – PE7 PC0 – PC7 PD0 – PD3 ADDRESS/DATA/CONTROL BUS PORT A & B 8 EXT CS to PORT C or F 24 INPUT MICRO ⇔CELLS PORT A ,B & C 82 82 256 KBIT SECONDARY FLASH MEMORY (BOOT OR DATA) 4 SECTORS 64 KBIT BATTERY BACKUP SRAM RUNTIME CONTROL AND I/O REGISTERS SRAM SELECT PERIP I/O MODE SELECTS MICRO ⇔CELL FEEDBACK OR PORT INPUT CSIOP FLASH ISP CPLD (CPLD) 16 OUTPUT MICRO ⇔CELLS FLASH DECODE PLD (DPLD) PLD, CONFIGURATION & FLASH MEMORY LOADER JTAG SERIAL CHANNEL (PE6) PAGE REGISTER EMBEDDED ALGORITHM SECTOR SELECTS SECTOR SELECTS GLOBAL CONFIG. & SECURITY *Additional address lines can be brought into PSD via Port A, B, C, D, or F. |