| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PSD835G2 bảng dữ liệu(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD835G2 bảng dữ liệu(HTML) 37 Page - STMicroelectronics |
|
37 / 110 page ![]() (INPUTS) (32) (8) (16) (1) PDN (APD OUTPUT) I /O PORTS (PORT A,B,C,F) (8) PGR0 - PGR7 (8) MCELLA.FB [7:0] (FEEDBACKS) MCELLB.FB [7:0] (FEEDBACKS) A[15:0] * (4) (3) PD[3:0] (ALE,CLKIN,CSI) CNTRL[2:0] (READ/WRITE CONTROL SIGNALS) (1) (1) RESET RD_BSY RS0 CSIOP PSEL0 PSEL1 8 FLASH MEMORY SECTOR SELECTS 4 SECONDARY FLASH MEMORY SECTOR SELECTS SRAM SELECT I/O DECODER SELECT PERIPHERAL I/O MODE SELECT CSBOOT 0 CSBOOT 1 CSBOOT 2 CSBOOT 3 FS0 FS7 3 3 3 3 3 3 3 3 3 3 3 3 3 JTAGSEL *NOTE: 1. The address inputs are A[19:4] in 80C51XA mode. 2. Additional address lines can be brought into PSD via Port A, B, C, D or F. |