công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P6KE56A bảng dữ liệu(PDF) 4 Page - STMicroelectronics

tên linh kiện P6KE56A
Giải thích chi tiết về linh kiện  UNI AND BIDIRECTIONAL TYPES, PEAK PULSEPOWER : 600W
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P6KE56A bảng dữ liệu(HTML) 4 Page - STMicroelectronics

  P6KE56A Datasheet HTML 1Page - STMicroelectronics P6KE56A Datasheet HTML 2Page - STMicroelectronics P6KE56A Datasheet HTML 3Page - STMicroelectronics P6KE56A Datasheet HTML 4Page - STMicroelectronics P6KE56A Datasheet HTML 5Page - STMicroelectronics P6KE56A Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
0.001
0.01
0 .1
1
10
100
Ppp (W)
Fig. 2 : Peak pulse power versus exponential pulse duration.
Fig. 3 : Clamping voltage versus peak pulse current.
exponential waveform : t p = 20
µs________
t p = 1 ms-------------
t p =10 ms ...............
Note : The curves of the figure 3 are specified for a junction temperature of 25
°C beforesurge.
The given results may be extrapolated for other junction temperatures by using the following formula :
∆V (BR) = αT (V(BR)) * [Ta -25] * V (BR).
For intermediate voltages, extrapolate the given results.
P6KExx
4/6



Html Pages

1 2 3 4 5 6