công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PSD211RM bảng dữ liệu(PDF) 45 Page - STMicroelectronics

tên linh kiện PSD211RM
Giải thích chi tiết về linh kiện  Low Cost Field Programmable Microcontroller Peripherals
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD211RM bảng dữ liệu(HTML) 45 Page - STMicroelectronics

Back Button PSD211RM Datasheet HTML 41Page - STMicroelectronics PSD211RM Datasheet HTML 42Page - STMicroelectronics PSD211RM Datasheet HTML 43Page - STMicroelectronics PSD211RM Datasheet HTML 44Page - STMicroelectronics PSD211RM Datasheet HTML 45Page - STMicroelectronics PSD211RM Datasheet HTML 46Page - STMicroelectronics PSD211RM Datasheet HTML 47Page - STMicroelectronics PSD211RM Datasheet HTML 48Page - STMicroelectronics PSD211RM Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 51 page
background image
PSD211R Family
42
Family: Plastic Leaded Chip Carrier
Millimeters
Inches
Symbol
Min
Max
Notes
Min
Max
Notes
A
4.19
4.57
0.165
0.180
A1
2.54
2.79
0.100
0.110
A2
3.76
3.96
0.148
0.156
B
0.33
0.53
0.013
0.021
B1
0.66
0.81
0.026
0.032
C
0.246
0.262
0.0097
0.0103
D
17.40
17.65
0.685
0.695
D1
16.51
16.61
0.650
0.654
D2
14.99
16.00
0.590
0.630
D3
12.70
Reference
0.500
Reference
E
17.40
17.65
0.685
0.695
E1
16.51
16.61
0.650
0.654
E2
14.99
16.00
0.590
0.630
E3
12.70
Reference
0.500
Reference
e1
1.27
Reference
0.050
Reference
N44
44
030195R6
Drawing J2 – 44-Pin Plastic Leaded Chip Carrier (PLDCC) (Package Type J)
D3
B
A1 A2
E1
E
D2
A
E2
C
D
D1
44
1
2
3
E3
e1
B1
21.0 Package Drawings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51