| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PSD211RN bảng dữ liệu(PDF) 23 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD211RN bảng dữ liệu(HTML) 23 Page - STMicroelectronics |
|
23 / 51 page ![]() PSD211R Family 20 13.0 Program/Data Space and the 8031 Figure 9. Combined Address Space INTERNAL OE OE CS CS RD ADDRESS PSEN I/O PORTS PAD EPROM Figure 10. 8031-Compatible Separate Code and Data Address Spaces INTERNAL OE OE CS CS RD ADDRESS PSEN I/O PORTS PAD EPROM This section only applies to users who have an 8031 or compatible MCU that outputs a signal such as PSEN when accessing program space. If this applies to you, be aware of the following: the PSD211R can be configured using PSDsoft such that the EPROM is either 1) accessed by PSEN only (Figure 10); or 2) accessed by PSEN or RD (Figure 9). The default is PSEN only unless changed in PSDsoft. |