công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADM1070EB bảng dữ liệu(PDF) 3 Page - Analog Devices

tên linh kiện ADM1070EB
Giải thích chi tiết về linh kiện  ADM1070 Hot Swap Controller Evaluation Kit Documentation
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADM1070EB bảng dữ liệu(HTML) 3 Page - Analog Devices

  ADM1070EB Datasheet HTML 1Page - Analog Devices ADM1070EB Datasheet HTML 2Page - Analog Devices ADM1070EB Datasheet HTML 3Page - Analog Devices ADM1070EB Datasheet HTML 4Page - Analog Devices ADM1070EB Datasheet HTML 5Page - Analog Devices ADM1070EB Datasheet HTML 6Page - Analog Devices ADM1070EB Datasheet HTML 7Page - Analog Devices ADM1070EB Datasheet HTML 8Page - Analog Devices ADM1070EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. 0
EVAL-ADM1070EB
–3–
1. RESIDING ON A PLUG-IN BOARD
The typical method of employing the ADM1070 is to mount
the device and its accompanying components on a plug-in
board. This board is then slotted into the live backplane
when required. When the power lines connect, the ADM1070
powers up. If the supply is stable and within tolerance, it turns
the MOSFET on in a controlled manner, applying power to
the load and powering up the rest of the board.
ADM1070
–48V
LIVE
BACKPLANE
PLUG-IN BOARD
R1
R2
RDROP
RSENSE
FET
LOAD
0V
Figure 1. The ADM1070 Residing on a Plug-In Module
To evaluate the ADM1070 in this type of situation, the
Evaluation Board should be set up as follows.
First, the board must be set up with the preferred load. The
load can be connected to the board in many different ways.
• If a single load component will suffice it can be soldered
directly onto the Evaluation Board in Position C4.
• A load can be connected via Connector J9. The user can
custom build a board to simulate a plug-in module’s load
and plug it into edge Connector J9.
(See Figure 11 for a schematic of the J9 pinout.)
• The user may connect a load via a crocodile clip directly
to the pins of Connector J9 (although care must be taken
not to cause a short across the pins of J9).
• If a no-load condition is required then nothing should
be connected to J9 and no additional load components
soldered to the Evaluation Board.
Power must now be applied to the board via leads connected
directly to a power supply. Power is normally applied through
the red and black/blue banana connectors (J1–J4).
The higher potential (0 V) should be connected to socket J1
(red). The lower potential of the supply should be connected to
J2 or J3 (black). A diode OR-ing scheme is employed at these
terminals so that two supplies can be monitored simultaneously
if required. In this situation, the supply with the higher potential
will be used. If this supply potential drops below the voltage of
the second redundant supply, then the board will switch over to
the second supply.
The diodes can be bypassed by connecting the lower potential
power supply to the board via Socket J4 (black).
A live insertion event can be recreated by turning on the power
supply or by making the connection to the live supply. Care should
be taken when applying live voltages to the Evaluation Board.
EVALUATION BOARD
BACKPLANE
BOARD
LOAD BOARD
0V
–48V
J8
J9
HOT SWAP
Figure 2. The ADM1070 Evaluation Board
Simulating the Set-Up in Figure 1
The user can also apply power to the board via Connector J8.
A simple backplane board can be constructed that plugs into
Connector J8 and provides the –48 V supply. A live insertion
event can now be simulated by plugging the Backplane Board
(see Backplane Board section) with a live negative supply into
Connector J8. A reseating event can be simulated by discon-
necting the Evaluation Board and Backplane Boards and
reconnecting them while the supply is live. This corresponds
to a plug-in module being manually reseated. This method recreates
a board insertion/removal scenario more accurately, since the
plugging/unplugging of a board from a live supply triggers the
ADM1070’s response. Again, the proper precautions should
be taken when connecting live voltages to the Evaluation Board.
2. RESIDING ON A BACKPLANE
The ADM1070 can also perform similar undervoltage and
overvoltage protection and current limiting functions when
placed on the backplane itself.
ADM1070
R1
R2
RDROP
FET
–48V
LIVE
BACKPLANE
PLUG-IN BOARD
RSENSE
LOAD
0V
Figure 3. The ADM1070 Residing on a Backplane
This type of setup can also be recreated with the ADM1070
Evaluation Board. Power can be applied through a backplane
board or with power leads (as described in the previous section).
The power supply and the Evaluation Board should be
connected together (by either method) and the power applied
(see Figure 4). This unit now represents the live backplane
with in-built ADM1070 circuitry in Figure 3.
A live insertion event can now be simulated by connecting the
load to the Evaluation Board (via Connector J9, as described
above). Reseating can be represented by disconnecting and
reconnecting the load to/from the Evaluation Board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com