| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
A22NZ-RMM-UBA bảng dữ liệu(PDF) 19 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
A22NZ-RMM-UBA bảng dữ liệu(HTML) 19 Page - Omron Electronics LLC |
|
19 / 30 page ![]() A22NN/A22NL 19 Dimensions (Unit: mm) Depth with Linked Units Terminal Wiring Diagrams Bottom View Terminal Connection Diagrams Non-lighted Switches (2NO/1NC) Contact configuration code:112 Lighted Switches (1NO/1NC) Contact configuration code:102 Non-lighted Switches (2NO/1NC) Contact configuration code:112 Lighted Switches (1NO/1NC) Contact configuration code:102 30 R29.5 47 28.8 dia. 11 45.3 43.5 Flat Switches with Metal Bezels A22NN-RN -NA-G-NN A22NL-RN -TA-G- A22NN-RN -UA-G-NN 5 13.5 0.5 1.8 28.8 dia. 43.5 45.3 19.1 45.3 43.5 28.8 dia. 23.3 dia. 11 Projected Switches with Metal Bezels A22N -RP-A-G- 40 dia. 20.7 45.3 43.5 11 Mushroom Switches with Metal Bezels A22N -RM-A-G- 66.8 45.3 Six, M3.5 Phillips/slotted screws Contact Blocks 20 10 Six, M3.5 Phillips/slotted screws Contact Blocks 20 Lighting Unit 10 3 4 3 4 Bottom View 1 2 2 1 4 3 X1 X X2 Bottom View LED Lamp |