| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
9DB803DFLFT bảng dữ liệu(PDF) 20 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
9DB803DFLFT bảng dữ liệu(HTML) 20 Page - Renesas Technology Corp |
|
20 / 23 page ![]() ICS9DB803D EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1 AND GEN2 IDT® EIGHT OUTPUT DIFFERENTIAL BUFFER FOR PCIE GEN1 AND GEN2 20 ICS9DB803D REV N 071013 Package Outline and Package Dimensions (48-pin SSOP) Package dimensions are kept current with JEDEC Publication No. 95 Ordering Information "LF" suffix to the part number are the Pb-Free configuration and are RoHS compliant. “D” is the device revision designator (will not correlate with the datasheet revision). While the information presented herein has been checked for both accuracy and reliability, Integrated Device Technology (IDT) assumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not recommended without additional processing by IDT. IDT reserves the right to change any circuitry or specifications without notice. IDT does not authorize or warrant any IDT product for use in life support devices or critical medical instruments. INDEX AREA 1 2 48 D E1 E SEATING PLANE A1 A A2 e - C - b aaa C c L *For reference only. Controlling dimensions in mm. Millimeters Inches* Symbol Min Max Min Max A 2.412.80.095 .110 A1 0.20 0.40 .008 .016 b 0.200.34.008 .0135 c 0.130.25.005 .010 D 15.75 16.00 .620 .630 E 10.03 10.68 .395 .420 E1 7.40 7.60 .291 .299 e 0.635 BASIC 0.025 BASIC h 0.380.64.015 .025 L 0.501.02.020 .040 0 8 0 8 Part / Order Number Marking Shipping Packaging Package Temperature 9DB803DGLF 9DB803DGLF Tubes 48-pin TSSOP 0 to +70° C 9DB803DGLFT 9DB803DGLF Tape and Reel 48-pin TSSOP 0 to +70° C 9DB803DGILF 9DB803DGILF Tubes 48-pin TSSOP -40 to +85° C 9DB803DGILFT 9DB803DGILF Tape and Reel 48-pin TSSOP -40 to +85° C 9DB803DFLF 9DB803DFLF Tubes 48-pin SSOP 0 to +70° C 9DB803DFLFT 9DB803DFLF Tape and Reel 48-pin SSOP 0 to +70° C 9DB803DFILF 9DB803DFILF Tubes 48-pin SSOP -40 to +85° C 9DB803DFILFT 9DB803DFILF Tape and Reel 48-pin SSOP -40 to +85° C |