| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS9DB403D bảng dữ liệu(PDF) 17 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS9DB403D bảng dữ liệu(HTML) 17 Page - Renesas Technology Corp |
|
17 / 20 page ![]() IDT® Four Output Differential Buffer for PCIe Gen 1 and Gen 2 ICS9DB403D REV R 11/1/12 ICS9DB403D Four Output Differential Buffer for PCIe for Gen 1 and Gen 2 17 209 mil SSOP MIN MAX MIN MAX A-- 2.00 -- .079 A1 0.05 -- .002 -- A2 1.65 1.85 .065 .073 b 0.220.38 .009.015 c 0.09 0.25 .0035 .010 D E 7.408.20 .291.323 E1 5.00 5.60 .197 .220 e L 0.550.95 .022.037 N α 0° 8° 0° 8° VARIATIONS MIN MAX MIN MAX 28 9.90 10.50 .390 .413 10-0033 Reference Doc.: JEDEC Publication 95, MO-150 0.0256 BASIC COMMON DIMENSIONS In Millimeters In Inches COMMON DIMENSIONS 209 mil SSOP N SEE VARIATIONS SEE VARIATIONS D mm. D (inch) SYMBOL SEE VARIATIONS SEE VARIATIONS 0.65 BASIC 28-pin SSOP Package Dimensions |