| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ICS9DB102 bảng dữ liệu(PDF) 8 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
ICS9DB102 bảng dữ liệu(HTML) 8 Page - Renesas Technology Corp |
|
8 / 14 page ![]() IDT® Two Output Differential Buffer for PCIe Gen1 & Gen2 852 REV Q 08/27/13 ICS9DB102 Two Output Differential Buffer for PCIe Gen1 & Gen2 8 General SMBus serial interface information for the ICS9DB102 How to Write: • Controller (host) sends a start bit. • Controller (host) sends the write address D4 (h) • IDT clock will acknowledge • Controller (host) sends the begining byte location = N • IDT clock will acknowledge • Controller (host) sends the data byte count = X • IDT clock will acknowledge • Controller (host) starts sending Byte N through Byte N + X -1 • IDT clock will acknowledge each byte one at a time • Controller (host) sends a Stop bit How to Read: • Controller (host) will send start bit. • Controller (host) sends the write address D4 (h) • IDT clock will acknowledge • Controller (host) sends the begining byte location = N • IDT clock will acknowledge • Controller (host) will send a separate start bit. • Controller (host) sends the read address D5 (h) • IDT clock will acknowledge • IDT clock will send the data byte count = X • IDT clock sends Byte N + X -1 • IDT clock sends Byte 0 through byte X (if X (h) was written to byte 8). • Controller (host) will need to acknowledge each byte • Controllor (host) will send a not acknowledge bit • Controller (host) will send a stop bit IDT (Slave/Receiver) T WR ACK ACK ACK ACK ACK PstoP bit Index Block Write Operation Slave Address D4(h) Beginning Byte = N WRite starT bit Controller (Host) Byte N + X - 1 Data Byte Count = X Beginning Byte N T starT bit WR WRite RT Repeat starT RD ReaD Beginning Byte N Byte N + X - 1 N Not acknowledge PstoP bit Slave Address D5(h) Index Block Read Operation Slave Address D4(h) Beginning Byte = N ACK ACK Data Byte Count = X ACK IDT (Slave/Receiver) Controller (Host) ACK ACK |