| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
A22NZ-RMA-NAA bảng dữ liệu(PDF) 7 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
A22NZ-RMA-NAA bảng dữ liệu(HTML) 7 Page - Omron Electronics LLC |
|
7 / 30 page ![]() A22NN/A22NL 7 Ordering Information Switch Structure - - - - You can order Operation Units, LED Lamp, Mounting Collars, and Contact Blocks individually. Use them in combination for models that are not available as assembled Switches. They can also be used as inventory for maintenance parts. Lighted models Non-lighted models LED Lamp Mounting Collar Reinforcement Plate Note: Use a Reinforcement Plate for greater strength. Con tact Blocks Con tact Blocks + Lighting Unit Plastic Operation Units Brushed Metal Operation Units Metal Operation Units ■ Model numbers of sets: Refer to pages 4 to 7. ■ Specifications: Refer to page 15.■ Dimensions: Refer to page 17. ■ Accessories and tools: Refer to page 13. |